| データシートサーチシステム |
|
L6727 データシート(PDF) 14 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L6727 データシート(HTML) 14 Page - STMicroelectronics |
|
14 / 22 page ![]() Output voltage monitor and protections L6727 14/22 8 Output voltage monitor and protections L6727 monitors the voltage at FB pin and compares it to internal reference voltage in order to provide Under Voltage and Over Voltage protections. 8.1 Under voltage protection If the voltage at FB pin drops below UV threshold (0.6V typ), the device turns off both HS and LS MOSFETs, waits for 2048 clock cycles and then performs a new Soft Start. If under voltage condition is not removed, the device enters a hiccup mode with a typical period of 13.6ms. UVP is active from the end of soft start. 8.2 Over voltage protection If the voltage at FB pin rises over OV threshold (1V typ), over voltage protection turns off HS MOSFET and turns on LS MOSFET overriding PWM logic as long as over voltage is detected. OVP is always active with top priority as soon as over current threshold setting phase has been completed. 8.3 Feedback disconnection protection In order to provide load protection even if FB pin is not connected, a 100nA bias current is always sourced from this pin. If FB pin is not connected, this current will permanently pull up FB over OVP threshold: thus LS will be latched on preventing output voltage from rising out of control. 8.4 Under voltage lock out In order to avoid anomalous behaviors of the device when the supply voltage is too low to support its internal rails, UVLO is provided: the device will start up when VCC reaches UVLO upper threshold and will shutdown when VCC drops below UVLO lower threshold. The 4.1V maximum UVLO upper threshold allows L6727 to be supplied from 5V and 12V busses in or-ing diode configuration. |