データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST10F272 データシート(PDF) 167 Page - STMicroelectronics

部品番号 ST10F272
部品情報  16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F272 データシート(HTML) 167 Page - STMicroelectronics

Back Button ST10F272 Datasheet HTML 163Page - STMicroelectronics ST10F272 Datasheet HTML 164Page - STMicroelectronics ST10F272 Datasheet HTML 165Page - STMicroelectronics ST10F272 Datasheet HTML 166Page - STMicroelectronics ST10F272 Datasheet HTML 167Page - STMicroelectronics ST10F272 Datasheet HTML 168Page - STMicroelectronics ST10F272 Datasheet HTML 169Page - STMicroelectronics ST10F272 Datasheet HTML 170Page - STMicroelectronics ST10F272 Datasheet HTML 171Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 179 page
background image
ST10F272
Electrical characteristics
167/179
Figure 56.
External memory cycle: Demultipl. bus, with/without r/w delay, normal ALE, r/w CS
Read cycle
Write cycle
CLKOUT
ALE
Data in
Data out
t5
t16
t5
t46
t50
t48
Address
t17
t49
t47
t48
t49
t68
t53
t83
t82
t26
t57
t55
t6
t82
t83
RdCSx
WrCSx
Data bus (P0)
(D15-D8) D7-D0
Data bus (P0)
(D15-D8) D7-D0
A23-A16
A15-A0 (P1)
BHE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More