| データシートサーチシステム |
|
ST10F273 データシート(PDF) 173 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST10F273 データシート(HTML) 173 Page - STMicroelectronics |
|
173 / 179 page ![]() ST10F273 Electrical characteristics 173/179 Figure 59. SSC master timing 1. The phase and polarity of shift and latch edge of SCLK is programmable. This figure uses the leading clock edge as shift edge (drawn in bold), with latch on trailing edge (SSCPH = 0b), Idle clock line is low, leading clock edge is low-to-high transition (SSCPO = 0b). 2. The bit timing is repeated for all bits to be transmitted or received. 1st out bit Last out bit 2nd out bit 1) 2) 2nd In bit 1st in bit Last in bit SCLK MTSR MRST t308 t307 t308 t307 t305 t305 t300 t301 t302 t304 t303 t306 t305 |