| データシートサーチシステム |
|
L7808CD2T-TR データシート(PDF) 39 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L7808CD2T-TR データシート(HTML) 39 Page - STMicroelectronics |
|
39 / 52 page ![]() L78xx - L78xxC Typical performance 39/52 Note: Q2 is connected as a diode in order to compensate the variation of the Q1 VBE with the temperature. C allows a slow rise time of the VO. Figure 35. Adjustable output voltage with temperature compensation VO = VXX (1+R2/R1) + VBE Figure 36. Light controllers (VOmin = VXX + VBE) VO rises when the light goes up VO falls when the light goes up |