| データシートサーチシステム |
|
S10331CDF1 データシート(PDF) 7 Page - Ashcroft, Inc. |
|
|
|||||||||||||||||||||||||||||
S10331CDF1 データシート(HTML) 7 Page - Ashcroft, Inc. |
|
7 / 7 page ![]() DIMENSIONS in [ ] are millimeters For reference only, consult Ashcroft for specific dimensional drawings HOW TO ORDER S10 TEMPERATURE PROBES: The ordering code is built by selecting the appropriate configuration for the various sections of the ordering code. The Insert nominal length LN is measured from base of the head to the tip of the probe. The lag extension length N is measured from the base of the head to the center of the threads on the lag extension. LN can be calculated by adding the lag extension length N to the probe insertion length L. The N length and the LN length are added to the end of the ordering code in millimeters. To convert inches to millimeters multiply by 25.4. mm = inches x 25.4 d = Stem diameter N = Lag Extension Length L = Insertion Length LN = Insert Nominal Length LN = N + L N LN d L Data Sheet S10 RTD's & Thermocouples, Metric Connections of 7 7 All specifications are subject to change without notice. All sales subject to standard terms and conditions. ©2022 Ashcroft Inc. S10_RTD_ds_RevB_04-05-22 ashcroft.com info@ashcroft.com 1.800.328.8258 |