データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

VC14X24X4 データシート(PDF) 6 Page - France Joint

部品番号 VC14X24X4
部品情報  STANDARD SHAFT SEALS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FRANCEJOINT [France Joint]
ホームページ  https://www.francejoint.com/en/
Logo FRANCEJOINT - France Joint

VC14X24X4 データシート(HTML) 6 Page - France Joint

  VC14X24X4 Datasheet HTML 1Page - France Joint VC14X24X4 Datasheet HTML 2Page - France Joint VC14X24X4 Datasheet HTML 3Page - France Joint VC14X24X4 Datasheet HTML 4Page - France Joint VC14X24X4 Datasheet HTML 5Page - France Joint VC14X24X4 Datasheet HTML 6Page - France Joint  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Part number
Shaft
diameter
Ød1 h11
Bore
diameter
ØD1 H8
Seal
height
H1
VC 28 x 42 x 4
28.00
42.00
4.00
VC 28 x 47 x 4
28.00
47.00
4.00
VC 30 x 37 x 4
30.00
37.00
4.00
VC 30 x 40 x 7
30.00
40.00
7.00
VC 30 x 42 x 5
30.00
42.00
5.00
VC 30 x 42 x 6.4
30.00
42.00
6.40
VC 30 x 52 x 5
30.00
52.00
5.00
VC 30 x 62 x 6
30.00
62.00
6.00
VC 32 x 39 x 4
32.00
39.00
4.00
VC 32 x 40 x 4
32.00
40.00
4.00
VC 32 x 40 x 5
32.00
40.00
5.00
VC 32 x 42 x 4
32.00
42.00
4.00
VC 32 x 44 x 4
32.00
44.00
4.00
VC 32 x 52 x 5
32.00
52.00
5.00
VC 34 x 39 x 3
34.00
39.00
3.00
VC 34 x 41 x 4
34.00
41.00
4.00
VC 35 x 55 x 5
35.00
55.00
5.00
VC 35 x 62 x 5
35.00
62.00
5.00
VC 38 x 42 x 6.4
38.00
42.00
6.40
VC 40 x 45 x 2
40.00
45.00
2.00
VC 40 x 47 x 4
40.00
47.00
4.00
VC 40 x 48 x 4
40.00
48.00
4.00
VC 40 x 50 x 4
40.00
50.00
4.00
VC 40 x 52 x 5
40.00
52.00
5.00
VC 40 x 52 x 6
40.00
52.00
6.00
VC 40 x 54 x 7
40.00
54.00
7.00
VC 40 x 60 x 5
40.00
60.00
5.00
Part number
Shaft
diameter
Ød1 h11
Bore
diameter
ØD1 H8
Seal
height
H1
VC 40 x 62 x 5
40.00
62.00
5.00
VC 42 x 52 x 4
42.00
52.00
4.00
VC 44 x 50 x 4
44.00
50.00
4.00
VC 44 x 55 x 5
44.00
55.00
5.00
VC 45 x 50 x 2
45.00
50.00
2.00
VC 45 x 50 x 8
45.00
50.00
8.00
VC 45 x 55 x 4
45.00
55.00
4.00
VC 45 x 62 x 5
45.00
62.00
5.00
VC 45 x 62 x 7
45.00
62.00
7.00
VC 45 x 65 x 8
45.00
65.00
8.00
VC 45 x 68 x 6
45.00
68.00
6.00
VC 45 x 70 x 5
45.00
70.00
5.00
VC 48 x 58 x 4
48.00
58.00
4.00
VC 50 x 68 x 7
50.00
68.00
7.00
VC 50 x 72 x 5
50.00
72.00
5.00
VC 55 x 72 x 8
55.00
72.00
8.00
VC 60 x 72 x 6
60.00
72.00
6.00
VC 60 x 75 x 6
60.00
75.00
6.00
VC 70 x 92 x 7
70.00
92.00
7.00
VC 74 x 95 x 7
74.00
95.00
7.00
VC 80 x 90 x 3.4
80.00
90.00
3.40
VC 80 x 90 x 5
80.00
90.00
5.00
VC 80 x 100 x 7
80.00
100.00
7.00
VC 90 x 105 x 6
90.00
105.00
6.00
VC 90 x 105 x 10
90.00
105.00
10.00
VC 95 x 135 x 13
95.00
135.00
13.00
ROTARY SEALS | STANDARD SHAFT SEALS |
VC
FRANCE JOINT SAS Zone Artisanale Le Mortier - B.P. 50009 - Cugand - 85613 Montaigu Cedex - France
Ph.
+33 (0)2 51 42 13 76 - Fax +33 (0)2 51 43 61 14 - Email: contact@francejoint.fr - Website: www.francejoint.com



Html Pages

1 2 3 4 5 6