| データシートサーチシステム |
|
SC14X21X4 データシート(PDF) 7 Page - France Joint |
|
|
|||||||||||||||||||||||||||||
SC14X21X4 データシート(HTML) 7 Page - France Joint |
|
7 / 13 page ![]() Part number Shaft diameter Ød1 h11 Bore diameter ØD1 H8 Seal height H1 SC 18 x 36 x 7 18.00 36.00 7.00 SC 18 x 37 x 5 18.00 37.00 5.00 SC 18 x 38 x 5 18.00 38.00 5.00 SC 18 x 40 x 7 18.00 40.00 7.00 SC 18 x 40 x 10 18.00 40.00 10.00 SC 18 x 47 x 10 18.00 47.00 10.00 SC 19 x 27 x 6 19.00 27.00 6.00 SC 19 x 28 x 6 19.00 28.00 6.00 SC 19 x 30 x 5 19.00 30.00 5.00 SC 19 x 30 x 7 19.00 30.00 7.00 SC 19 x 30 x 8 19.00 30.00 8.00 SC 19 x 32 x 5 19.00 32.00 5.00 SC 19 x 32 x 7 19.00 32.00 7.00 SC 19 x 35 x 6 19.00 35.00 6.00 SC 19 x 35 x 7 19.00 35.00 7.00 SC 19 x 35 x 8 19.00 35.00 8.00 SC 19 x 35 x 10 19.00 35.00 10.00 SC 19 x 36 x 8.5 19.00 36.00 8.50 SC 19 x 40 x 8 19.00 40.00 8.00 SC 19 x 42 x 7 19.00 42.00 7.00 SC 19 x 47 x 10 19.00 47.00 10.00 SC 20 x 26 x 4 20.00 26.00 4.00 SC 20 x 28 x 4 20.00 28.00 4.00 SC 20 x 28 x 5 20.00 28.00 5.00 SC 20 x 28 x 6 20.00 28.00 6.00 SC 20 x 28 x 7 20.00 28.00 7.00 SC 20 x 30 x 4 20.00 30.00 4.00 SC 20 x 30 x 5 20.00 30.00 5.00 SC 20 x 30 x 6 20.00 30.00 6.00 SC 20 x 30 x 7 20.00 30.00 7.00 SC 20 x 32 x 5 20.00 32.00 5.00 SC 20 x 32 x 6 20.00 32.00 6.00 SC 20 x 32 x 7 20.00 32.00 7.00 SC 20 x 33 x 6 20.00 33.00 6.00 SC 20 x 34 x 4 20.00 34.00 4.00 SC 20 x 34 x 5 20.00 34.00 5.00 SC 20 x 34 x 6 20.00 34.00 6.00 SC 20 x 34 x 6.5 20.00 34.00 6.50 SC 20 x 34 x 7 20.00 34.00 7.00 SC 20 x 35 x 4 20.00 35.00 4.00 SC 20 x 35 x 5.5 20.00 35.00 5.50 SC 20 x 35 x 6 20.00 35.00 6.00 SC 20 x 35 x 7 20.00 35.00 7.00 SC 20 x 35 x 10 20.00 35.00 10.00 SC 20 x 36 x 7 20.00 36.00 7.00 SC 20 x 36 x 8 20.00 36.00 8.00 SC 20 x 37 x 7 20.00 37.00 7.00 SC 20 x 37 x 8 20.00 37.00 8.00 SC 20 x 38 x 5 20.00 38.00 5.00 SC 20 x 38 x 7 20.00 38.00 7.00 SC 20 x 38 x 8 20.00 38.00 8.00 SC 20 x 40 x 7 20.00 40.00 7.00 SC 20 x 40 x 10 20.00 40.00 10.00 SC 20 x 42 x 5.5 20.00 42.00 5.50 SC 20 x 42 x 6 20.00 42.00 6.00 SC 20 x 42 x 7 20.00 42.00 7.00 SC 20 x 47 x 5 20.00 47.00 5.00 SC 20 x 47 x 7 20.00 47.00 7.00 SC 20 x 47 x 8.5 20.00 47.00 8.50 SC 20 x 47 x 10 20.00 47.00 10.00 SC 20 x 48 x 7 20.00 48.00 7.00 SC 20 x 52 x 6 20.00 52.00 6.00 Part number Shaft diameter Ød1 h11 Bore diameter ØD1 H8 Seal height H1 SC 20 x 52 x 7 20.00 52.00 7.00 SC 20 x 52 x 8 20.00 52.00 8.00 SC 20 x 52 x 10 20.00 52.00 10.00 SC 21 x 28 x 4 21.00 28.00 4.00 SC 21 x 35 x 6 21.00 35.00 6.00 SC 21 x 35 x 6.5 21.00 35.00 6.50 SC 21 x 36 x 7 21.00 36.00 7.00 SC 22 x 28 x 8 22.00 28.00 8.00 SC 22 x 31 x 5 22.00 31.00 5.00 SC 22 x 32 x 5 22.00 32.00 5.00 SC 22 x 32 x 5.5 22.00 32.00 5.50 SC 22 x 32 x 6 22.00 32.00 6.00 SC 22 x 32 x 7 22.00 32.00 7.00 SC 22 x 34 x 7 22.00 34.00 7.00 SC 22 x 35 x 5.5 22.00 35.00 5.50 SC 22 x 35 x 6 22.00 35.00 6.00 SC 22 x 35 x 6.4 22.00 35.00 6.40 SC 22 x 35 x 7 22.00 35.00 7.00 SC 22 x 35 x 8 22.00 35.00 8.00 SC 22 x 35 x 10 22.00 35.00 10.00 SC 22 x 36 x 6 22.00 36.00 6.00 SC 22 x 36 x 7 22.00 36.00 7.00 SC 22 x 38 x 6 22.00 38.00 6.00 SC 22 x 38 x 8 22.00 38.00 8.00 SC 22 x 40 x 7 22.00 40.00 7.00 SC 22 x 40 x 10 22.00 40.00 10.00 SC 22 x 42 x 7 22.00 42.00 7.00 SC 22 x 45 x 7 22.00 45.00 7.00 SC 22 x 47 x 7 22.00 47.00 7.00 SC 22 x 47 x 10 22.00 47.00 10.00 SC 22 x 50 x 7 22.00 50.00 7.00 SC 22 x 62 x 5.4 22.00 62.00 5.40 SC 23 x 36 x 6 23.00 36.00 6.00 SC 23 x 37 x 6 23.00 37.00 6.00 SC 23 x 37 x 7 23.00 37.00 7.00 SC 23 x 40 x 6 23.00 40.00 6.00 SC 23 x 40 x 8 23.00 40.00 8.00 SC 23 x 40 x 10 23.00 40.00 10.00 SC 23 x 42 x 10 23.00 42.00 10.00 SC 24 x 35 x 6 24.00 35.00 6.00 SC 24 x 35 x 7 24.00 35.00 7.00 SC 24 x 36 x 6 24.00 36.00 6.00 SC 24 x 37 x 5 24.00 37.00 5.00 SC 24 x 37 x 7 24.00 37.00 7.00 SC 24 x 40 x 6.5 24.00 40.00 6.50 SC 24 x 40 x 7 24.00 40.00 7.00 SC 24 x 40 x 8 24.00 40.00 8.00 SC 24 x 40 x 10 24.00 40.00 10.00 SC 24 x 42 x 10 24.00 42.00 10.00 SC 24 x 47 x 6 24.00 47.00 6.00 SC 24 x 47 x 6.4 24.00 47.00 6.40 SC 24 x 47 x 7 24.00 47.00 7.00 SC 24 x 47 x 10 24.00 47.00 10.00 SC 24 x 52 x 10 24.00 52.00 10.00 SC 25 x 32 x 6 25.00 32.00 6.00 SC 25 x 33 x 4 25.00 33.00 4.00 SC 25 x 33 x 6 25.00 33.00 6.00 SC 25 x 34 x 7 25.00 34.00 7.00 SC 25 x 35 x 5 25.00 35.00 5.00 SC 25 x 35 x 6 25.00 35.00 6.00 SC 25 x 35 x 7 25.00 35.00 7.00 SC 25 x 35 x 9 25.00 35.00 9.00 ROTARY SEALS | STANDARD SHAFT SEALS | SC ROTARY SEALS | STANDARD SHAFT SEALS | SC www.francejoint.com |