| データシートサーチシステム |
|
SC14X22X6 データシート(PDF) 8 Page - France Joint |
|
|
|||||||||||||||||||||||||||||
SC14X22X6 データシート(HTML) 8 Page - France Joint |
|
8 / 13 page ![]() Part number Shaft diameter Ød1 h11 Bore diameter ØD1 H8 Seal height H1 SC 25 x 36 x 7 25.00 36.00 7.00 SC 25 x 37 x 5 25.00 37.00 5.00 SC 25 x 37 x 6 25.00 37.00 6.00 SC 25 x 37 x 7 25.00 37.00 7.00 SC 25 x 37 x 7.5 25.00 37.00 7.50 SC 25 x 37 x 8 25.00 37.00 8.00 SC 25 x 38 x 5 25.00 38.00 5.00 SC 25 x 38 x 7 25.00 38.00 7.00 SC 25 x 40 x 5 25.00 40.00 5.00 SC 25 x 40 x 7 25.00 40.00 7.00 SC 25 x 40 x 8 25.00 40.00 8.00 SC 25 x 40 x 10 25.00 40.00 10.00 SC 25 x 42 x 4 25.00 42.00 4.00 SC 25 x 42 x 6 25.00 42.00 6.00 SC 25 x 42 x 7 25.00 42.00 7.00 SC 25 x 42 x 8 25.00 42.00 8.00 SC 25 x 42 x 8.5 25.00 42.00 8.50 SC 25 x 42 x 10 25.00 42.00 10.00 SC 25 x 43 x 10 25.00 43.00 10.00 SC 25 x 45 x 6.5 25.00 45.00 6.50 SC 25 x 45 x 10 25.00 45.00 10.00 SC 25 x 46 x 7 25.00 46.00 7.00 SC 25 x 47 x 5 25.00 47.00 5.00 SC 25 x 47 x 6 25.00 47.00 6.00 SC 25 x 47 x 7 25.00 47.00 7.00 SC 25 x 47 x 8 25.00 47.00 8.00 SC 25 x 47 x 10 25.00 47.00 10.00 SC 25 x 48 x 8 25.00 48.00 8.00 SC 25 x 50 x 10 25.00 50.00 10.00 SC 25 x 52 x 7 25.00 52.00 7.00 SC 25 x 52 x 8 25.00 52.00 8.00 SC 25 x 52 x 10 25.00 52.00 10.00 SC 25 x 62 x 6 25.00 62.00 6.00 SC 25 x 62 x 7 25.00 62.00 7.00 SC 25 x 62 x 8 25.00 62.00 8.00 SC 25 x 62 x 10 25.00 62.00 10.00 SC 25 x 72 x 7 25.00 72.00 7.00 SC 26 x 34 x 4 26.00 34.00 4.00 SC 26 x 37 x 6 26.00 37.00 6.00 SC 26 x 37 x 7 26.00 37.00 7.00 SC 26 x 38 x 5 26.00 38.00 5.00 SC 26 x 38 x 8 26.00 38.00 8.00 SC 26 x 39 x 5 26.00 39.00 5.00 SC 26 x 40 x 6 26.00 40.00 6.00 SC 26 x 42 x 6 26.00 42.00 6.00 SC 26 x 42 x 7 26.00 42.00 7.00 SC 26 x 42 x 8 26.00 42.00 8.00 SC 26 x 47 x 7 26.00 47.00 7.00 SC 26 x 47 x 9 26.00 47.00 9.00 SC 26 x 47 x 10 26.00 47.00 10.00 SC 26 x 52 x 7 26.00 52.00 7.00 SC 26 x 52 x 8 26.00 52.00 8.00 SC 27 x 36 x 7 27.00 36.00 7.00 SC 27 x 37 x 5 27.00 37.00 5.00 SC 27 x 37 x 7 27.00 37.00 7.00 SC 27 x 40 x 6 27.00 40.00 6.00 SC 27 x 41 x 10 27.00 41.00 10.00 SC 27 x 42 x 10 27.00 42.00 10.00 SC 27 x 43 x 8 27.00 43.00 8.00 SC 27 x 47 x 6 27.00 47.00 6.00 SC 27 x 47 x 10 27.00 47.00 10.00 SC 27 x 49 x 10 27.00 49.00 10.00 Part number Shaft diameter Ød1 h11 Bore diameter ØD1 H8 Seal height H1 SC 28 x 35 x 5 28.00 35.00 5.00 SC 28 x 37 x 7 28.00 37.00 7.00 SC 28 x 38 x 5.5 28.00 38.00 5.50 SC 28 x 38 x 6 28.00 38.00 6.00 SC 28 x 38 x 6.5 28.00 38.00 6.50 SC 28 x 38 x 7 28.00 38.00 7.00 SC 28 x 38 x 10 28.00 38.00 10.00 SC 28 x 40 x 7 28.00 40.00 7.00 SC 28 x 42 x 5.5 28.00 42.00 5.50 SC 28 x 42 x 7 28.00 42.00 7.00 SC 28 x 43 x 7 28.00 43.00 7.00 SC 28 x 45 x 6 28.00 45.00 6.00 SC 28 x 45 x 8 28.00 45.00 8.00 SC 28 x 47 x 5 28.00 47.00 5.00 SC 28 x 47 x 7 28.00 47.00 7.00 SC 28 x 47 x 8.5 28.00 47.00 8.50 SC 28 x 47 x 10 28.00 47.00 10.00 SC 28 x 50 x 6 28.00 50.00 6.00 SC 28 x 50 x 8 28.00 50.00 8.00 SC 28 x 52 x 5 28.00 52.00 5.00 SC 28 x 52 x 7 28.00 52.00 7.00 SC 28 x 52 x 10 28.00 52.00 10.00 SC 28 x 62 x 10 28.00 62.00 10.00 SC 28 x 72 x 10 28.00 72.00 10.00 SC 29 x 40 x 7 29.00 40.00 7.00 SC 29 x 41 x 5 29.00 41.00 5.00 SC 29 x 50 x 10 29.00 50.00 10.00 SC 30 x 37 x 4 30.00 37.00 4.00 SC 30 x 37 x 8 30.00 37.00 8.00 SC 30 x 40 x 4 30.00 40.00 4.00 SC 30 x 40 x 5 30.00 40.00 5.00 SC 30 x 40 x 7 30.00 40.00 7.00 SC 30 x 40 x 8 30.00 40.00 8.00 SC 30 x 40 x 10 30.00 40.00 10.00 SC 30 x 41 x 7 30.00 41.00 7.00 SC 30 x 42 x 4.5 30.00 42.00 4.50 SC 30 x 42 x 6 30.00 42.00 6.00 SC 30 x 42 x 7 30.00 42.00 7.00 SC 30 x 42 x 8 30.00 42.00 8.00 SC 30 x 44 x 9 30.00 44.00 9.00 SC 30 x 44 x 10 30.00 44.00 10.00 SC 30 x 45 x 5 30.00 45.00 5.00 SC 30 x 45 x 6 30.00 45.00 6.00 SC 30 x 45 x 7 30.00 45.00 7.00 SC 30 x 45 x 8 30.00 45.00 8.00 SC 30 x 45 x 10 30.00 45.00 10.00 SC 30 x 46 x 8 30.00 46.00 8.00 SC 30 x 47 x 5 30.00 47.00 5.00 SC 30 x 47 x 6 30.00 47.00 6.00 SC 30 x 47 x 7 30.00 47.00 7.00 SC 30 x 47 x 8 30.00 47.00 8.00 SC 30 x 47 x 8.5 30.00 47.00 8.50 SC 30 x 47 x 10 30.00 47.00 10.00 SC 30 x 48 x 7 30.00 48.00 7.00 SC 30 x 48 x 8 30.00 48.00 8.00 SC 30 x 50 x 5 30.00 50.00 5.00 SC 30 x 50 x 7 30.00 50.00 7.00 SC 30 x 50 x 8 30.00 50.00 8.00 SC 30 x 50 x 10 30.00 50.00 10.00 SC 30 x 50 x 11 30.00 50.00 11.00 SC 30 x 52 x 4 30.00 52.00 4.00 SC 30 x 52 x 6 30.00 52.00 6.00 ROTARY SEALS | STANDARD SHAFT SEALS | SC ROTARY SEALS | STANDARD SHAFT SEALS | SC www.francejoint.com |