| データシートサーチシステム |
|
SC14X25X5 データシート(PDF) 5 Page - France Joint |
|
|
|||||||||||||||||||||||||||||
SC14X25X5 データシート(HTML) 5 Page - France Joint |
|
5 / 13 page ![]() | | DIMENSIONS Part number Shaft diameter Ød1 h11 Bore diameter ØD1 H8 Seal height H1 SC 4 x 16 x 6 4.00 16.00 6.00 SC 5 x 15 x 6 5.00 15.00 6.00 SC 6 x 12 x 4.5 6.00 12.00 4.50 SC 6 x 12 x 5.5 6.00 12.00 5.50 SC 6 x 15 x 4 6.00 15.00 4.00 SC 6 x 15 x 7 6.00 15.00 7.00 SC 6 x 16 x 5 6.00 16.00 5.00 SC 6 x 16 x 7 6.00 16.00 7.00 SC 6 x 19 x 6 6.00 19.00 6.00 SC 6 x 22 x 7 6.00 22.00 7.00 SC 6 x 25 x 6 6.00 25.00 6.00 SC 6 x 25 x 8 6.00 25.00 8.00 SC 7 x 15 x 5 7.00 15.00 5.00 SC 7 x 16 x 7 7.00 16.00 7.00 SC 7 x 18 x 4.5 7.00 18.00 4.50 SC 7 x 18 x 6.5 7.00 18.00 6.50 SC 7 x 22 x 7 7.00 22.00 7.00 SC 7 x 31 x 5 7.00 31.00 5.00 SC 8 x 14 x 4 8.00 14.00 4.00 SC 8 x 14 x 5 8.00 14.00 5.00 SC 8 x 16 x 4 8.00 16.00 4.00 SC 8 x 16 x 5 8.00 16.00 5.00 SC 8 x 16 x 6 8.00 16.00 6.00 SC 8 x 16 x 7 8.00 16.00 7.00 SC 8 x 18 x 5 8.00 18.00 5.00 SC 8 x 19 x 4 8.00 19.00 4.00 SC 8 x 20 x 5 8.00 20.00 5.00 SC 8 x 21 x 6 8.00 21.00 6.00 SC 8 x 22 x 6 8.00 22.00 6.00 SC 8 x 22 x 6.5 8.00 22.00 6.50 SC 8 x 22 x 7 8.00 22.00 7.00 SC 8 x 22 x 8 8.00 22.00 8.00 SC 8 x 24 x 4.5 8.00 24.00 4.50 SC 8 x 24 x 7 8.00 24.00 7.00 SC 8 x 25 x 6 8.00 25.00 6.00 SC 8 x 25 x 7 8.00 25.00 7.00 SC 8 x 26 x 6 8.00 26.00 6.00 SC 8 x 28 x 5 8.00 28.00 5.00 SC 9 x 16 x 4 9.00 16.00 4.00 SC 9 x 18 x 7 9.00 18.00 7.00 SC 9 x 19 x 4 9.00 19.00 4.00 SC 9 x 19 x 5 9.00 19.00 5.00 SC 9 x 21 x 4.5 9.00 21.00 4.50 SC 9 x 22 x 7 9.00 22.00 7.00 SC 9 x 26 x 7 9.00 26.00 7.00 SC 10 x 16 x 4 10.00 16.00 4.00 SC 10 x 16 x 5 10.00 16.00 5.00 SC 10 x 17 x 6 10.00 17.00 6.00 SC 10 x 18 x 4 10.00 18.00 4.00 SC 10 x 18 x 5 10.00 18.00 5.00 SC 10 x 18 x 6 10.00 18.00 6.00 SC 10 x 19 x 4 10.00 19.00 4.00 SC 10 x 19 x 6 10.00 19.00 6.00 SC 10 x 19 x 7 10.00 19.00 7.00 SC 10 x 20 x 4 10.00 20.00 4.00 SC 10 x 20 x 5 10.00 20.00 5.00 SC 10 x 20 x 6 10.00 20.00 6.00 SC 10 x 21 x 5 10.00 21.00 5.00 SC 10 x 21 x 6 10.00 21.00 6.00 SC 10 x 22 x 4 10.00 22.00 4.00 SC 10 x 22 x 7 10.00 22.00 7.00 SC 10 x 24 x 7 10.00 24.00 7.00 Part number Shaft diameter Ød1 h11 Bore diameter ØD1 H8 Seal height H1 SC 10 x 25 x 5 10.00 25.00 5.00 SC 10 x 26 x 5.5 10.00 26.00 5.50 SC 10 x 26 x 7 10.00 26.00 7.00 SC 10 x 28 x 7 10.00 28.00 7.00 SC 10 x 30 x 7 10.00 30.00 7.00 SC 11 x 17 x 4 11.00 17.00 4.00 SC 11 x 18 x 4 11.00 18.00 4.00 SC 11 x 22 x 7 11.00 22.00 7.00 SC 11 x 26 x 7 11.00 26.00 7.00 SC 12 x 18 x 4 12.00 18.00 4.00 SC 12 x 19 x 5 12.00 19.00 5.00 SC 12 x 20 x 5 12.00 20.00 5.00 SC 12 x 20 x 6 12.00 20.00 6.00 SC 12 x 21 x 4 12.00 21.00 4.00 SC 12 x 21 x 5 12.00 21.00 5.00 SC 12 x 22 x 4 12.00 22.00 4.00 SC 12 x 22 x 5 12.00 22.00 5.00 SC 12 x 22 x 6 12.00 22.00 6.00 SC 12 x 22 x 7 12.00 22.00 7.00 SC 12 x 24 x 4.5 12.00 24.00 4.50 SC 12 x 24 x 5 12.00 24.00 5.00 SC 12 x 24 x 6 12.00 24.00 6.00 SC 12 x 24 x 7 12.00 24.00 7.00 SC 12 x 25 x 4 12.00 25.00 4.00 SC 12 x 25 x 4.5 12.00 25.00 4.50 SC 12 x 25 x 5 12.00 25.00 5.00 SC 12 x 25 x 7 12.00 25.00 7.00 SC 12 x 26 x 4.5 12.00 26.00 4.50 SC 12 x 26 x 6 12.00 26.00 6.00 SC 12 x 26 x 8 12.00 26.00 8.00 SC 12 x 28 x 5 12.00 28.00 5.00 SC 12 x 28 x 6 12.00 28.00 6.00 SC 12 x 28 x 7 12.00 28.00 7.00 SC 12 x 28 x 8 12.00 28.00 8.00 SC 12 x 30 x 5 12.00 30.00 5.00 SC 12 x 30 x 6 12.00 30.00 6.00 SC 12 x 30 x 7 12.00 30.00 7.00 SC 12 x 32 x 5 12.00 32.00 5.00 SC 12 x 32 x 7 12.00 32.00 7.00 SC 12 x 32 x 10 12.00 32.00 10.00 SC 12 x 35 x 5 12.00 35.00 5.00 SC 12 x 35 x 10 12.00 35.00 10.00 SC 12 x 37 x 10 12.00 37.00 10.00 SC 12 x 45 x 7 12.00 45.00 7.00 SC 13 x 20 x 4.5 13.00 20.00 4.50 SC 13 x 22 x 4 13.00 22.00 4.00 SC 13 x 22 x 5 13.00 22.00 5.00 SC 13 x 22 x 6 13.00 22.00 6.00 SC 13 x 24 x 5 13.00 24.00 5.00 SC 13 x 24 x 6 13.00 24.00 6.00 SC 13 x 24 x 7 13.00 24.00 7.00 SC 13 x 25 x 5 13.00 25.00 5.00 SC 13 x 26 x 7 13.00 26.00 7.00 SC 13 x 28 x 7 13.00 28.00 7.00 SC 13 x 30 x 8 13.00 30.00 8.00 SC 13 x 32 x 6 13.00 32.00 6.00 SC 13 x 32 x 7 13.00 32.00 7.00 SC 14 x 20 x 5 14.00 20.00 5.00 SC 14 x 21 x 4 14.00 21.00 4.00 SC 14 x 22 x 4 14.00 22.00 4.00 SC 14 x 22 x 5 14.00 22.00 5.00 SC 14 x 22 x 6 14.00 22.00 6.00 ROTARY SEALS | STANDARD SHAFT SEALS | SC ROTARY SEALS | STANDARD SHAFT SEALS | SC www.francejoint.com |