| データシートサーチシステム |
|
SC14X27X7 データシート(PDF) 10 Page - France Joint |
|
|
|||||||||||||||||||||||||||||
SC14X27X7 データシート(HTML) 10 Page - France Joint |
|
10 / 13 page ![]() Part number Shaft diameter Ød1 h11 Bore diameter ØD1 H8 Seal height H1 SC 38 x 55 x 6 38.00 55.00 6.00 SC 38 x 55 x 7 38.00 55.00 7.00 SC 38 x 55 x 10 38.00 55.00 10.00 SC 38 x 56 x 10 38.00 56.00 10.00 SC 38 x 62 x 7 38.00 62.00 7.00 SC 38 x 62 x 8 38.00 62.00 8.00 SC 38 x 62 x 10 38.00 62.00 10.00 SC 38 x 62 x 11 38.00 62.00 11.00 SC 38 x 65 x 8 38.00 65.00 8.00 SC 38 x 74 x 10 38.00 74.00 10.00 SC 39 x 51 x 7.5 39.00 51.00 7.50 SC 39 x 65 x 9 39.00 65.00 9.00 SC 40 x 50 x 7 40.00 50.00 7.00 SC 40 x 50 x 8 40.00 50.00 8.00 SC 40 x 50 x 10 40.00 50.00 10.00 SC 40 x 52 x 6 40.00 52.00 6.00 SC 40 x 52 x 6.5 40.00 52.00 6.50 SC 40 x 52 x 7 40.00 52.00 7.00 SC 40 x 55 x 6 40.00 55.00 6.00 SC 40 x 55 x 7 40.00 55.00 7.00 SC 40 x 55 x 8 40.00 55.00 8.00 SC 40 x 55 x 10 40.00 55.00 10.00 SC 40 x 56 x 7 40.00 56.00 7.00 SC 40 x 56 x 8 40.00 56.00 8.00 SC 40 x 56 x 12 40.00 56.00 12.00 SC 40 x 58 x 6 40.00 58.00 6.00 SC 40 x 58 x 8 40.00 58.00 8.00 SC 40 x 58 x 9 40.00 58.00 9.00 SC 40 x 58 x 10 40.00 58.00 10.00 SC 40 x 58 x 12 40.00 58.00 12.00 SC 40 x 60 x 5.5 40.00 60.00 5.50 SC 40 x 60 x 7 40.00 60.00 7.00 SC 40 x 60 x 8 40.00 60.00 8.00 SC 40 x 60 x 10 40.00 60.00 10.00 SC 40 x 60 x 12 40.00 60.00 12.00 SC 40 x 62 x 7 40.00 62.00 7.00 SC 40 x 62 x 8 40.00 62.00 8.00 SC 40 x 62 x 10 40.00 62.00 10.00 SC 40 x 62 x 11.5 40.00 62.00 11.50 SC 40 x 62 x 12 40.00 62.00 12.00 SC 40 x 65 x 10 40.00 65.00 10.00 SC 40 x 68 x 7 40.00 68.00 7.00 SC 40 x 68 x 8 40.00 68.00 8.00 SC 40 x 68 x 10 40.00 68.00 10.00 SC 40 x 68 x 12 40.00 68.00 12.00 SC 40 x 70 x 10 40.00 70.00 10.00 SC 40 x 72 x 7 40.00 72.00 7.00 SC 40 x 72 x 10 40.00 72.00 10.00 SC 40 x 75 x 7 40.00 75.00 7.00 SC 40 x 80 x 7 40.00 80.00 7.00 SC 40 x 80 x 8 40.00 80.00 8.00 SC 40 x 80 x 10 40.00 80.00 10.00 SC 40 x 80 x 13 40.00 80.00 13.00 SC 40 x 85 x 10 40.00 85.00 10.00 SC 40 x 88 x 6 40.00 88.00 6.00 SC 40 x 90 x 8 40.00 90.00 8.00 SC 40 x 90 x 10 40.00 90.00 10.00 SC 40 x 90 x 12 40.00 90.00 12.00 SC 41 x 56 x 7 41.00 56.00 7.00 SC 42 x 52 x 7 42.00 52.00 7.00 SC 42 x 52 x 10 42.00 52.00 10.00 SC 42 x 55 x 7 42.00 55.00 7.00 Part number Shaft diameter Ød1 h11 Bore diameter ØD1 H8 Seal height H1 SC 42 x 55 x 8 42.00 55.00 8.00 SC 42 x 56 x 7 42.00 56.00 7.00 SC 42 x 58 x 10 42.00 58.00 10.00 SC 42 x 59 x 7.7 42.00 59.00 7.70 SC 42 x 60 x 10 42.00 60.00 10.00 SC 42 x 60 x 12 42.00 60.00 12.00 SC 42 x 62 x 6 42.00 62.00 6.00 SC 42 x 62 x 7 42.00 62.00 7.00 SC 42 x 62 x 8 42.00 62.00 8.00 SC 42 x 62 x 10 42.00 62.00 10.00 SC 42 x 64 x 7 42.00 64.00 7.00 SC 42 x 65 x 8 42.00 65.00 8.00 SC 42 x 65 x 10 42.00 65.00 10.00 SC 42 x 72 x 8 42.00 72.00 8.00 SC 42 x 72 x 10 42.00 72.00 10.00 SC 42 x 85 x 8 42.00 85.00 8.00 SC 43 x 53 x 5 43.00 53.00 5.00 SC 43 x 54 x 7.5 43.00 54.00 7.50 SC 43 x 55 x 7 43.00 55.00 7.00 SC 43 x 55 x 8 43.00 55.00 8.00 SC 43 x 60 x 10 43.00 60.00 10.00 SC 43 x 62 x 8 43.00 62.00 8.00 SC 43 x 75 x 10 43.00 75.00 10.00 SC 44 x 54 x 5 44.00 54.00 5.00 SC 44 x 59 x 6.8 44.00 59.00 6.80 SC 44 x 60 x 8 44.00 60.00 8.00 SC 44 x 60 x 10 44.00 60.00 10.00 SC 44 x 62 x 10 44.00 62.00 10.00 SC 44 x 65 x 10 44.00 65.00 10.00 SC 44 x 68 x 8 44.00 68.00 8.00 SC 44 x 72 x 8 44.00 72.00 8.00 SC 44 x 72 x 10 44.00 72.00 10.00 SC 45 x 55 x 4 45.00 55.00 4.00 SC 45 x 55 x 7 45.00 55.00 7.00 SC 45 x 56 x 6 45.00 56.00 6.00 SC 45 x 58 x 8 45.00 58.00 8.00 SC 45 x 60 x 7 45.00 60.00 7.00 SC 45 x 60 x 8 45.00 60.00 8.00 SC 45 x 60 x 10 45.00 60.00 10.00 SC 45 x 62 x 6 45.00 62.00 6.00 SC 45 x 62 x 7 45.00 62.00 7.00 SC 45 x 62 x 8 45.00 62.00 8.00 SC 45 x 62 x 9 45.00 62.00 9.00 SC 45 x 62 x 10 45.00 62.00 10.00 SC 45 x 65 x 7 45.00 65.00 7.00 SC 45 x 65 x 8 45.00 65.00 8.00 SC 45 x 65 x 10 45.00 65.00 10.00 SC 45 x 68 x 8 45.00 68.00 8.00 SC 45 x 68 x 10 45.00 68.00 10.00 SC 45 x 70 x 7 45.00 70.00 7.00 SC 45 x 70 x 8 45.00 70.00 8.00 SC 45 x 70 x 10 45.00 70.00 10.00 SC 45 x 72 x 8 45.00 72.00 8.00 SC 45 x 72 x 10 45.00 72.00 10.00 SC 45 x 72 x 12 45.00 72.00 12.00 SC 45 x 75 x 8 45.00 75.00 8.00 SC 45 x 75 x 10 45.00 75.00 10.00 SC 45 x 80 x 10 45.00 80.00 10.00 SC 45 x 80 x 13 45.00 80.00 13.00 SC 45 x 85 x 10 45.00 85.00 10.00 SC 45 x 90 x 10 45.00 90.00 10.00 SC 45 x 93 x 6 45.00 93.00 6.00 ROTARY SEALS | STANDARD SHAFT SEALS | SC ROTARY SEALS | STANDARD SHAFT SEALS | SC www.francejoint.com |