データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SC14X30X4 データシート(PDF) 5 Page - France Joint

部品番号 SC14X30X4
部品情報  STANDARD SHAFT SEALS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FRANCEJOINT [France Joint]
ホームページ  https://www.francejoint.com/en/
Logo FRANCEJOINT - France Joint

SC14X30X4 データシート(HTML) 5 Page - France Joint

  SC14X30X4 Datasheet HTML 1Page - France Joint SC14X30X4 Datasheet HTML 2Page - France Joint SC14X30X4 Datasheet HTML 3Page - France Joint SC14X30X4 Datasheet HTML 4Page - France Joint SC14X30X4 Datasheet HTML 5Page - France Joint SC14X30X4 Datasheet HTML 6Page - France Joint SC14X30X4 Datasheet HTML 7Page - France Joint SC14X30X4 Datasheet HTML 8Page - France Joint SC14X30X4 Datasheet HTML 9Page - France Joint Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
|
|
DIMENSIONS
Part number
Shaft
diameter
Ød1 h11
Bore
diameter
ØD1 H8
Seal
height
H1
SC 4 x 16 x 6
4.00
16.00
6.00
SC 5 x 15 x 6
5.00
15.00
6.00
SC 6 x 12 x 4.5
6.00
12.00
4.50
SC 6 x 12 x 5.5
6.00
12.00
5.50
SC 6 x 15 x 4
6.00
15.00
4.00
SC 6 x 15 x 7
6.00
15.00
7.00
SC 6 x 16 x 5
6.00
16.00
5.00
SC 6 x 16 x 7
6.00
16.00
7.00
SC 6 x 19 x 6
6.00
19.00
6.00
SC 6 x 22 x 7
6.00
22.00
7.00
SC 6 x 25 x 6
6.00
25.00
6.00
SC 6 x 25 x 8
6.00
25.00
8.00
SC 7 x 15 x 5
7.00
15.00
5.00
SC 7 x 16 x 7
7.00
16.00
7.00
SC 7 x 18 x 4.5
7.00
18.00
4.50
SC 7 x 18 x 6.5
7.00
18.00
6.50
SC 7 x 22 x 7
7.00
22.00
7.00
SC 7 x 31 x 5
7.00
31.00
5.00
SC 8 x 14 x 4
8.00
14.00
4.00
SC 8 x 14 x 5
8.00
14.00
5.00
SC 8 x 16 x 4
8.00
16.00
4.00
SC 8 x 16 x 5
8.00
16.00
5.00
SC 8 x 16 x 6
8.00
16.00
6.00
SC 8 x 16 x 7
8.00
16.00
7.00
SC 8 x 18 x 5
8.00
18.00
5.00
SC 8 x 19 x 4
8.00
19.00
4.00
SC 8 x 20 x 5
8.00
20.00
5.00
SC 8 x 21 x 6
8.00
21.00
6.00
SC 8 x 22 x 6
8.00
22.00
6.00
SC 8 x 22 x 6.5
8.00
22.00
6.50
SC 8 x 22 x 7
8.00
22.00
7.00
SC 8 x 22 x 8
8.00
22.00
8.00
SC 8 x 24 x 4.5
8.00
24.00
4.50
SC 8 x 24 x 7
8.00
24.00
7.00
SC 8 x 25 x 6
8.00
25.00
6.00
SC 8 x 25 x 7
8.00
25.00
7.00
SC 8 x 26 x 6
8.00
26.00
6.00
SC 8 x 28 x 5
8.00
28.00
5.00
SC 9 x 16 x 4
9.00
16.00
4.00
SC 9 x 18 x 7
9.00
18.00
7.00
SC 9 x 19 x 4
9.00
19.00
4.00
SC 9 x 19 x 5
9.00
19.00
5.00
SC 9 x 21 x 4.5
9.00
21.00
4.50
SC 9 x 22 x 7
9.00
22.00
7.00
SC 9 x 26 x 7
9.00
26.00
7.00
SC 10 x 16 x 4
10.00
16.00
4.00
SC 10 x 16 x 5
10.00
16.00
5.00
SC 10 x 17 x 6
10.00
17.00
6.00
SC 10 x 18 x 4
10.00
18.00
4.00
SC 10 x 18 x 5
10.00
18.00
5.00
SC 10 x 18 x 6
10.00
18.00
6.00
SC 10 x 19 x 4
10.00
19.00
4.00
SC 10 x 19 x 6
10.00
19.00
6.00
SC 10 x 19 x 7
10.00
19.00
7.00
SC 10 x 20 x 4
10.00
20.00
4.00
SC 10 x 20 x 5
10.00
20.00
5.00
SC 10 x 20 x 6
10.00
20.00
6.00
SC 10 x 21 x 5
10.00
21.00
5.00
SC 10 x 21 x 6
10.00
21.00
6.00
SC 10 x 22 x 4
10.00
22.00
4.00
SC 10 x 22 x 7
10.00
22.00
7.00
SC 10 x 24 x 7
10.00
24.00
7.00
Part number
Shaft
diameter
Ød1 h11
Bore
diameter
ØD1 H8
Seal
height
H1
SC 10 x 25 x 5
10.00
25.00
5.00
SC 10 x 26 x 5.5
10.00
26.00
5.50
SC 10 x 26 x 7
10.00
26.00
7.00
SC 10 x 28 x 7
10.00
28.00
7.00
SC 10 x 30 x 7
10.00
30.00
7.00
SC 11 x 17 x 4
11.00
17.00
4.00
SC 11 x 18 x 4
11.00
18.00
4.00
SC 11 x 22 x 7
11.00
22.00
7.00
SC 11 x 26 x 7
11.00
26.00
7.00
SC 12 x 18 x 4
12.00
18.00
4.00
SC 12 x 19 x 5
12.00
19.00
5.00
SC 12 x 20 x 5
12.00
20.00
5.00
SC 12 x 20 x 6
12.00
20.00
6.00
SC 12 x 21 x 4
12.00
21.00
4.00
SC 12 x 21 x 5
12.00
21.00
5.00
SC 12 x 22 x 4
12.00
22.00
4.00
SC 12 x 22 x 5
12.00
22.00
5.00
SC 12 x 22 x 6
12.00
22.00
6.00
SC 12 x 22 x 7
12.00
22.00
7.00
SC 12 x 24 x 4.5
12.00
24.00
4.50
SC 12 x 24 x 5
12.00
24.00
5.00
SC 12 x 24 x 6
12.00
24.00
6.00
SC 12 x 24 x 7
12.00
24.00
7.00
SC 12 x 25 x 4
12.00
25.00
4.00
SC 12 x 25 x 4.5
12.00
25.00
4.50
SC 12 x 25 x 5
12.00
25.00
5.00
SC 12 x 25 x 7
12.00
25.00
7.00
SC 12 x 26 x 4.5
12.00
26.00
4.50
SC 12 x 26 x 6
12.00
26.00
6.00
SC 12 x 26 x 8
12.00
26.00
8.00
SC 12 x 28 x 5
12.00
28.00
5.00
SC 12 x 28 x 6
12.00
28.00
6.00
SC 12 x 28 x 7
12.00
28.00
7.00
SC 12 x 28 x 8
12.00
28.00
8.00
SC 12 x 30 x 5
12.00
30.00
5.00
SC 12 x 30 x 6
12.00
30.00
6.00
SC 12 x 30 x 7
12.00
30.00
7.00
SC 12 x 32 x 5
12.00
32.00
5.00
SC 12 x 32 x 7
12.00
32.00
7.00
SC 12 x 32 x 10
12.00
32.00
10.00
SC 12 x 35 x 5
12.00
35.00
5.00
SC 12 x 35 x 10
12.00
35.00
10.00
SC 12 x 37 x 10
12.00
37.00
10.00
SC 12 x 45 x 7
12.00
45.00
7.00
SC 13 x 20 x 4.5
13.00
20.00
4.50
SC 13 x 22 x 4
13.00
22.00
4.00
SC 13 x 22 x 5
13.00
22.00
5.00
SC 13 x 22 x 6
13.00
22.00
6.00
SC 13 x 24 x 5
13.00
24.00
5.00
SC 13 x 24 x 6
13.00
24.00
6.00
SC 13 x 24 x 7
13.00
24.00
7.00
SC 13 x 25 x 5
13.00
25.00
5.00
SC 13 x 26 x 7
13.00
26.00
7.00
SC 13 x 28 x 7
13.00
28.00
7.00
SC 13 x 30 x 8
13.00
30.00
8.00
SC 13 x 32 x 6
13.00
32.00
6.00
SC 13 x 32 x 7
13.00
32.00
7.00
SC 14 x 20 x 5
14.00
20.00
5.00
SC 14 x 21 x 4
14.00
21.00
4.00
SC 14 x 22 x 4
14.00
22.00
4.00
SC 14 x 22 x 5
14.00
22.00
5.00
SC 14 x 22 x 6
14.00
22.00
6.00
ROTARY SEALS | STANDARD SHAFT SEALS |
SC
ROTARY SEALS | STANDARD SHAFT SEALS |
SC
www.francejoint.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13