| データシートサーチシステム |
|
SC14X30X7 データシート(PDF) 12 Page - France Joint |
|
|
|||||||||||||||||||||||||||||
SC14X30X7 データシート(HTML) 12 Page - France Joint |
|
12 / 13 page ![]() Part number Shaft diameter Ød1 h11 Bore diameter ØD1 H8 Seal height H1 SC 62 x 95 x 10 62.00 95.00 10.00 SC 62 x 100 x 12 62.00 100.00 12.00 SC 63 x 83 x 8 63.00 83.00 8.00 SC 63 x 90 x 10 63.00 90.00 10.00 SC 63 x 100 x 10 63.00 100.00 10.00 SC 65 x 75 x 5 65.00 75.00 5.00 SC 65 x 80 x 6 65.00 80.00 6.00 SC 65 x 80 x 8 65.00 80.00 8.00 SC 65 x 80 x 10 65.00 80.00 10.00 SC 65 x 82 x 10 65.00 82.00 10.00 SC 65 x 85 x 8 65.00 85.00 8.00 SC 65 x 85 x 10 65.00 85.00 10.00 SC 65 x 85 x 13 65.00 85.00 13.00 SC 65 x 90 x 10 65.00 90.00 10.00 SC 65 x 90 x 12 65.00 90.00 12.00 SC 65 x 90 x 13 65.00 90.00 13.00 SC 65 x 95 x 10 65.00 95.00 10.00 SC 65 x 100 x 10 65.00 100.00 10.00 SC 65 x 100 x 12 65.00 100.00 12.00 SC 65 x 120 x 10 65.00 120.00 10.00 SC 66 x 85 x 10 66.00 85.00 10.00 SC 68 x 80 x 10 68.00 80.00 10.00 SC 68 x 82 x 7 68.00 82.00 7.00 SC 68 x 85 x 10 68.00 85.00 10.00 SC 68 x 88 x 8 68.00 88.00 8.00 SC 68 x 88 x 10 68.00 88.00 10.00 SC 68 x 88 x 13 68.00 88.00 13.00 SC 68 x 90 x 10 68.00 90.00 10.00 SC 68 x 95 x 10 68.00 95.00 10.00 SC 68 x 100 x 10 68.00 100.00 10.00 SC 68 x 100 x 13 68.00 100.00 13.00 SC 68 x 110 x 13 68.00 110.00 13.00 SC 68 x 115 x 13 68.00 115.00 13.00 SC 70 x 85 x 7 70.00 85.00 7.00 SC 70 x 85 x 8 70.00 85.00 8.00 SC 70 x 86 x 12 70.00 86.00 12.00 SC 70 x 90 x 10 70.00 90.00 10.00 SC 70 x 90 x 12 70.00 90.00 12.00 SC 70 x 95 x 10 70.00 95.00 10.00 SC 70 x 95 x 13 70.00 95.00 13.00 SC 70 x 100 x 10 70.00 100.00 10.00 SC 70 x 100 x 12 70.00 100.00 12.00 SC 70 x 105 x 13 70.00 105.00 13.00 SC 70 x 110 x 8 70.00 110.00 8.00 SC 70 x 110 x 10 70.00 110.00 10.00 SC 70 x 110 x 12 70.00 110.00 12.00 SC 70 x 110 x 13 70.00 110.00 13.00 SC 70 x 120 x 13 70.00 120.00 13.00 SC 70 x 125 x 12 70.00 125.00 12.00 SC 71 x 88 x 8 71.00 88.00 8.00 SC 72 x 90 x 10 72.00 90.00 10.00 SC 72 x 92 x 9.5 72.00 92.00 9.50 SC 72 x 95 x 10 72.00 95.00 10.00 SC 72 x 95 x 12 72.00 95.00 12.00 SC 72 x 100 x 10 72.00 100.00 10.00 SC 72 x 100 x 12 72.00 100.00 12.00 SC 75 x 85 x 7 75.00 85.00 7.00 SC 75 x 90 x 8 75.00 90.00 8.00 SC 75 x 90 x 10 75.00 90.00 10.00 SC 75 x 91 x 12 75.00 91.00 12.00 SC 75 x 95 x 10 75.00 95.00 10.00 SC 75 x 95 x 12 75.00 95.00 12.00 Part number Shaft diameter Ød1 h11 Bore diameter ØD1 H8 Seal height H1 SC 75 x 95 x 13 75.00 95.00 13.00 SC 75 x 100 x 10 75.00 100.00 10.00 SC 75 x 100 x 12 75.00 100.00 12.00 SC 75 x 105 x 12 75.00 105.00 12.00 SC 75 x 105 x 13 75.00 105.00 13.00 SC 75 x 110 x 12 75.00 110.00 12.00 SC 75 x 110 x 13 75.00 110.00 13.00 SC 75 x 115 x 10 75.00 115.00 10.00 SC 75 x 115 x 12 75.00 115.00 12.00 SC 75 x 120 x 12 75.00 120.00 12.00 SC 75 x 130 x 13 75.00 130.00 13.00 SC 77 x 100 x 11.5 77.00 100.00 11.50 SC 78 x 100 x 10 78.00 100.00 10.00 SC 78 x 110 x 12 78.00 110.00 12.00 SC 78 x 110 x 13 78.00 110.00 13.00 SC 80 x 95 x 5 80.00 95.00 5.00 SC 80 x 100 x 10 80.00 100.00 10.00 SC 80 x 100 x 12 80.00 100.00 12.00 SC 80 x 100 x 13 80.00 100.00 13.00 SC 80 x 105 x 10 80.00 105.00 10.00 SC 80 x 105 x 13 80.00 105.00 13.00 SC 80 x 110 x 10 80.00 110.00 10.00 SC 80 x 110 x 12 80.00 110.00 12.00 SC 80 x 115 x 10 80.00 115.00 10.00 SC 80 x 120 x 12 80.00 120.00 12.00 SC 80 x 120 x 13 80.00 120.00 13.00 SC 80 x 125 x 12 80.00 125.00 12.00 SC 82 x 110 x 12 82.00 110.00 12.00 SC 82 x 110 x 13 82.00 110.00 13.00 SC 84 x 100 x 10 84.00 100.00 10.00 SC 85 x 100 x 6 85.00 100.00 6.00 SC 85 x 100 x 9 85.00 100.00 9.00 SC 85 x 105 x 10 85.00 105.00 10.00 SC 85 x 105 x 13 85.00 105.00 13.00 SC 85 x 110 x 10 85.00 110.00 10.00 SC 85 x 110 x 12 85.00 110.00 12.00 SC 85 x 110 x 13 85.00 110.00 13.00 SC 85 x 115 x 13 85.00 115.00 13.00 SC 85 x 115 x 15 85.00 115.00 15.00 SC 85 x 120 x 12 85.00 120.00 12.00 SC 85 x 130 x 12 85.00 130.00 12.00 SC 88 x 110 x 12 88.00 110.00 12.00 SC 89 x 105 x 9.5 89.00 105.00 9.50 SC 90 x 106 x 12 90.00 106.00 12.00 SC 90 x 110 x 10 90.00 110.00 10.00 SC 90 x 110 x 12 90.00 110.00 12.00 SC 90 x 110 x 13 90.00 110.00 13.00 SC 90 x 115 x 9 90.00 115.00 9.00 SC 90 x 115 x 13 90.00 115.00 13.00 SC 90 x 120 x 12 90.00 120.00 12.00 SC 90 x 130 x 12 90.00 130.00 12.00 SC 90 x 140 x 13 90.00 140.00 13.00 SC 92 x 110 x 10 92.00 110.00 10.00 SC 95 x 110 x 6 95.00 110.00 6.00 SC 95 x 110 x 10 95.00 110.00 10.00 SC 95 x 110 x 12 95.00 110.00 12.00 SC 95 x 115 x 13 95.00 115.00 13.00 SC 95 x 120 x 8 95.00 120.00 8.00 SC 95 x 120 x 12 95.00 120.00 12.00 SC 95 x 120 x 13 95.00 120.00 13.00 SC 95 x 125 x 12 95.00 125.00 12.00 SC 95 x 130 x 12 95.00 130.00 12.00 ROTARY SEALS | STANDARD SHAFT SEALS | SC ROTARY SEALS | STANDARD SHAFT SEALS | SC www.francejoint.com |