データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SC14X32X5 データシート(PDF) 13 Page - France Joint

部品番号 SC14X32X5
部品情報  STANDARD SHAFT SEALS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FRANCEJOINT [France Joint]
ホームページ  https://www.francejoint.com/en/
Logo FRANCEJOINT - France Joint

SC14X32X5 データシート(HTML) 13 Page - France Joint

Back Button SC14X32X5 Datasheet HTML 5Page - France Joint SC14X32X5 Datasheet HTML 6Page - France Joint SC14X32X5 Datasheet HTML 7Page - France Joint SC14X32X5 Datasheet HTML 8Page - France Joint SC14X32X5 Datasheet HTML 9Page - France Joint SC14X32X5 Datasheet HTML 10Page - France Joint SC14X32X5 Datasheet HTML 11Page - France Joint SC14X32X5 Datasheet HTML 12Page - France Joint SC14X32X5 Datasheet HTML 13Page - France Joint  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
Part number
Shaft
diameter
Ød1 h11
Bore
diameter
ØD1 H8
Seal
height
H1
SC 95 x 145 x 10
95.00
145.00
10.00
SC 98 x 120 x 13
98.00
120.00
13.00
SC 100 x 110 x 10
100.00
110.00
10.00
SC 100 x 120 x 7.5
100.00
120.00
7.50
SC 100 x 120 x 10
100.00
120.00
10.00
SC 100 x 120 x 11
100.00
120.00
11.00
SC 100 x 120 x 12
100.00
120.00
12.00
SC 100 x 120 x 13
100.00
120.00
13.00
SC 100 x 125 x 12
100.00
125.00
12.00
SC 100 x 130 x 12
100.00
130.00
12.00
SC 100 x 135 x 14
100.00
135.00
14.00
SC 100 x 140 x 12
100.00
140.00
12.00
SC 100 x 140 x 13
100.00
140.00
13.00
SC 100 x 150 x 12
100.00
150.00
12.00
SC 100 x 150 x 13
100.00
150.00
13.00
SC 105 x 120 x 13
105.00
120.00
13.00
SC 105 x 125 x 13
105.00
125.00
13.00
SC 105 x 130 x 12
105.00
130.00
12.00
SC 105 x 135 x 16
105.00
135.00
16.00
SC 105 x 140 x 12
105.00
140.00
12.00
SC 105 x 140 x 14
105.00
140.00
14.00
SC 105 x 150 x 15
105.00
150.00
15.00
SC 105 x 160 x 12
105.00
160.00
12.00
SC 110 x 130 x 10
110.00
130.00
10.00
SC 110 x 130 x 12
110.00
130.00
12.00
SC 110 x 130 x 13
110.00
130.00
13.00
SC 110 x 135 x 12
110.00
135.00
12.00
SC 110 x 140 x 12
110.00
140.00
12.00
SC 110 x 150 x 13
110.00
150.00
13.00
SC 115 x 130 x 12
115.00
130.00
12.00
SC 115 x 135 x 10
115.00
135.00
10.00
SC 115 x 135 x 13
115.00
135.00
13.00
SC 115 x 140 x 12
115.00
140.00
12.00
SC 115 x 140 x 13
115.00
140.00
13.00
SC 115 x 150 x 12
115.00
150.00
12.00
SC 118 x 140 x 13
118.00
140.00
13.00
SC 120 x 140 x 10
120.00
140.00
10.00
SC 120 x 140 x 13
120.00
140.00
13.00
SC 120 x 150 x 12
120.00
150.00
12.00
SC 120 x 150 x 13
120.00
150.00
13.00
SC 120 x 160 x 12
120.00
160.00
12.00
SC 120 x 160 x 13
120.00
160.00
13.00
SC 125 x 150 x 12
125.00
150.00
12.00
SC 125 x 150 x 13
125.00
150.00
13.00
SC 125 x 160 x 12
125.00
160.00
12.00
SC 125 x 160 x 13
125.00
160.00
13.00
SC 125 x 160 x 16
125.00
160.00
16.00
SC 130 x 155 x 10
130.00
155.00
10.00
SC 130 x 160 x 12
130.00
160.00
12.00
SC 130 x 170 x 12
130.00
170.00
12.00
SC 130 x 182 x 16
130.00
182.00
16.00
SC 130 x 200 x 15
130.00
200.00
15.00
SC 135 x 160 x 12
135.00
160.00
12.00
SC 135 x 160 x 13
135.00
160.00
13.00
SC 135 x 160 x 15
135.00
160.00
15.00
SC 135 x 170 x 12
135.00
170.00
12.00
SC 135 x 170 x 15
135.00
170.00
15.00
SC 140 x 160 x 12
140.00
160.00
12.00
SC 140 x 170 x 12
140.00
170.00
12.00
SC 140 x 170 x 15
140.00
170.00
15.00
SC 140 x 180 x 10
140.00
180.00
10.00
SC 140 x 180 x 12
140.00
180.00
12.00
Part number
Shaft
diameter
Ød1 h11
Bore
diameter
ØD1 H8
Seal
height
H1
SC 140 x 215 x 12
140.00
215.00
12.00
SC 143 x 165 x 10
143.00
165.00
10.00
SC 144 x 160 x 12
144.00
160.00
12.00
SC 145 x 170 x 15
145.00
170.00
15.00
SC 145 x 175 x 13
145.00
175.00
13.00
SC 145 x 175 x 15
145.00
175.00
15.00
SC 150 x 170 x 12
150.00
170.00
12.00
SC 150 x 172 x 15
150.00
172.00
15.00
SC 150 x 180 x 12
150.00
180.00
12.00
SC 150 x 180 x 13
150.00
180.00
13.00
SC 150 x 180 x 15
150.00
180.00
15.00
SC 150 x 200 x 10
150.00
200.00
10.00
SC 150 x 225 x 15
150.00
225.00
15.00
SC 155 x 175 x 12
155.00
175.00
12.00
SC 155 x 180 x 15
155.00
180.00
15.00
SC 155 x 190 x 15
155.00
190.00
15.00
SC 160 x 185 x 10
160.00
185.00
10.00
SC 160 x 185 x 12
160.00
185.00
12.00
SC 160 x 190 x 13
160.00
190.00
13.00
SC 160 x 190 x 15
160.00
190.00
15.00
SC 160 x 200 x 12
160.00
200.00
12.00
SC 160 x 220 x 12
160.00
220.00
12.00
SC 165 x 180 x 8
165.00
180.00
8.00
SC 165 x 190 x 13
165.00
190.00
13.00
SC 170 x 190 x 7
170.00
190.00
7.00
SC 170 x 190 x 15
170.00
190.00
15.00
SC 170 x 200 x 12
170.00
200.00
12.00
SC 170 x 200 x 15
170.00
200.00
15.00
SC 170 x 210 x 15
170.00
210.00
15.00
SC 175 x 200 x 15
175.00
200.00
15.00
SC 175 x 210 x 15
175.00
210.00
15.00
SC 180 x 200 x 7
180.00
200.00
7.00
SC 180 x 200 x 15
180.00
200.00
15.00
SC 180 x 210 x 12.5
180.00
210.00
12.50
SC 180 x 220 x 15
180.00
220.00
15.00
SC 185 x 210 x 13
185.00
210.00
13.00
SC 186 x 203 x 8
186.00
203.00
8.00
SC 190 x 215 x 16
190.00
215.00
16.00
SC 190 x 220 x 15
190.00
220.00
15.00
SC 193 x 210 x 8
193.00
210.00
8.00
SC 200 x 225 x 15
200.00
225.00
15.00
SC 200 x 230 x 15
200.00
230.00
15.00
SC 200 x 230 x 16
200.00
230.00
16.00
SC 200 x 250 x 15
200.00
250.00
15.00
SC 205 x 230 x 16
205.00
230.00
16.00
SC 210 x 240 x 15
210.00
240.00
15.00
SC 210 x 250 x 15
210.00
250.00
15.00
SC 215 x 240 x 12
215.00
240.00
12.00
SC 230 x 260 x 15
230.00
260.00
15.00
SC 240 x 270 x 15
240.00
270.00
15.00
SC 240 x 280 x 15
240.00
280.00
15.00
SC 250 x 280 x 15
250.00
280.00
15.00
SC 260 x 290 x 15
260.00
290.00
15.00
SC 260 x 300 x 20
260.00
300.00
20.00
SC 280 x 310 x 15
280.00
310.00
15.00
SC 300 x 340 x 18
300.00
340.00
18.00
SC 320 x 360 x 20
320.00
360.00
20.00
SC 340 x 380 x 18
340.00
380.00
18.00
SC 360 x 400 x 20
360.00
400.00
20.00
SC 380 x 420 x 20
380.00
420.00
20.00
SC 400 x 425 x 15
400.00
425.00
15.00
SC 430 x 480 x 30
430.00
480.00
30.00
ROTARY SEALS | STANDARD SHAFT SEALS |
SC
ROTARY SEALS | STANDARD SHAFT SEALS |
SC
FRANCE JOINT SAS Zone Artisanale Le Mortier - B.P. 50009 - Cugand - 85613 Montaigu Cedex - France
Ph.
+33 (0)2 51 42 13 76 - Fax +33 (0)2 51 43 61 14 - Email: contact@francejoint.fr - Website: www.francejoint.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13