| データシートサーチシステム |
|
SC14X42X6 データシート(PDF) 9 Page - France Joint |
|
|
|||||||||||||||||||||||||||||
SC14X42X6 データシート(HTML) 9 Page - France Joint |
|
9 / 13 page ![]() Part number Shaft diameter Ød1 h11 Bore diameter ØD1 H8 Seal height H1 SC 30 x 52 x 7 30.00 52.00 7.00 SC 30 x 52 x 8 30.00 52.00 8.00 SC 30 x 52 x 10 30.00 52.00 10.00 SC 30 x 55 x 7 30.00 55.00 7.00 SC 30 x 55 x 10 30.00 55.00 10.00 SC 30 x 56 x 10 30.00 56.00 10.00 SC 30 x 56 x 12 30.00 56.00 12.00 SC 30 x 60 x 10 30.00 60.00 10.00 SC 30 x 62 x 7 30.00 62.00 7.00 SC 30 x 62 x 10 30.00 62.00 10.00 SC 30 x 62 x 12 30.00 62.00 12.00 SC 30 x 72 x 6 30.00 72.00 6.00 SC 30 x 72 x 10 30.00 72.00 10.00 SC 31 x 42 x 8 31.00 42.00 8.00 SC 31 x 43 x 5.6 31.00 43.00 5.60 SC 31 x 45 x 6 31.00 45.00 6.00 SC 31 x 45 x 7 31.00 45.00 7.00 SC 31 x 47 x 7 31.00 47.00 7.00 SC 31 x 50 x 8 31.00 50.00 8.00 SC 32 x 40 x 7 32.00 40.00 7.00 SC 32 x 42 x 7 32.00 42.00 7.00 SC 32 x 44 x 10 32.00 44.00 10.00 SC 32 x 45 x 5 32.00 45.00 5.00 SC 32 x 45 x 6 32.00 45.00 6.00 SC 32 x 45 x 7 32.00 45.00 7.00 SC 32 x 45 x 8 32.00 45.00 8.00 SC 32 x 45 x 10 32.00 45.00 10.00 SC 32 x 46 x 7 32.00 46.00 7.00 SC 32 x 47 x 7 32.00 47.00 7.00 SC 32 x 48 x 8 32.00 48.00 8.00 SC 32 x 50 x 8 32.00 50.00 8.00 SC 32 x 52 x 5 32.00 52.00 5.00 SC 32 x 52 x 7 32.00 52.00 7.00 SC 32 x 52 x 10 32.00 52.00 10.00 SC 32 x 62 x 6 32.00 62.00 6.00 SC 32 x 72 x 10 32.00 72.00 10.00 SC 33 x 45 x 7 33.00 45.00 7.00 SC 33 x 50 x 6 33.00 50.00 6.00 SC 33 x 50 x 10 33.00 50.00 10.00 SC 33 x 52 x 6 33.00 52.00 6.00 SC 33 x 52 x 8 33.00 52.00 8.00 SC 33 x 54 x 6.5 33.00 54.00 6.50 SC 33 x 66 x 12 33.00 66.00 12.00 SC 34 x 48 x 7.5 34.00 48.00 7.50 SC 34 x 52 x 7.5 34.00 52.00 7.50 SC 34 x 52 x 8 34.00 52.00 8.00 SC 34 x 62 x 10 34.00 62.00 10.00 SC 35 x 42 x 4 35.00 42.00 4.00 SC 35 x 44 x 4 35.00 44.00 4.00 SC 35 x 45 x 4 35.00 45.00 4.00 SC 35 x 45 x 5 35.00 45.00 5.00 SC 35 x 45 x 6 35.00 45.00 6.00 SC 35 x 45 x 7 35.00 45.00 7.00 SC 35 x 46 x 7 35.00 46.00 7.00 SC 35 x 47 x 5 35.00 47.00 5.00 SC 35 x 47 x 7 35.00 47.00 7.00 SC 35 x 47 x 9 35.00 47.00 9.00 SC 35 x 47 x 10 35.00 47.00 10.00 SC 35 x 50 x 5 35.00 50.00 5.00 SC 35 x 50 x 7 35.00 50.00 7.00 SC 35 x 50 x 8 35.00 50.00 8.00 SC 35 x 50 x 10 35.00 50.00 10.00 Part number Shaft diameter Ød1 h11 Bore diameter ØD1 H8 Seal height H1 SC 35 x 50 x 12 35.00 50.00 12.00 SC 35 x 52 x 6 35.00 52.00 6.00 SC 35 x 52 x 7 35.00 52.00 7.00 SC 35 x 52 x 8 35.00 52.00 8.00 SC 35 x 52 x 10 35.00 52.00 10.00 SC 35 x 53 x 7 35.00 53.00 7.00 SC 35 x 55 x 8 35.00 55.00 8.00 SC 35 x 55 x 10 35.00 55.00 10.00 SC 35 x 56 x 8 35.00 56.00 8.00 SC 35 x 56 x 10 35.00 56.00 10.00 SC 35 x 56 x 12 35.00 56.00 12.00 SC 35 x 57 x 6 35.00 57.00 6.00 SC 35 x 58 x 9 35.00 58.00 9.00 SC 35 x 58 x 10 35.00 58.00 10.00 SC 35 x 60 x 8 35.00 60.00 8.00 SC 35 x 60 x 10 35.00 60.00 10.00 SC 35 x 62 x 7 35.00 62.00 7.00 SC 35 x 62 x 8 35.00 62.00 8.00 SC 35 x 62 x 10 35.00 62.00 10.00 SC 35 x 65 x 10 35.00 65.00 10.00 SC 35 x 68 x 6 35.00 68.00 6.00 SC 35 x 68 x 8 35.00 68.00 8.00 SC 35 x 68 x 10 35.00 68.00 10.00 SC 35 x 68 x 12 35.00 68.00 12.00 SC 35 x 72 x 7 35.00 72.00 7.00 SC 35 x 72 x 10 35.00 72.00 10.00 SC 35 x 72 x 12 35.00 72.00 12.00 SC 35 x 80 x 8 35.00 80.00 8.00 SC 35 x 80 x 10 35.00 80.00 10.00 SC 35 x 80 x 12 35.00 80.00 12.00 SC 35 x 80 x 13 35.00 80.00 13.00 SC 35 x 82 x 6 35.00 82.00 6.00 SC 36 x 47 x 7 36.00 47.00 7.00 SC 36 x 50 x 7 36.00 50.00 7.00 SC 36 x 52 x 6.3 36.00 52.00 6.30 SC 36 x 52 x 7 36.00 52.00 7.00 SC 36 x 54 x 7 36.00 54.00 7.00 SC 36 x 54 x 7.5 36.00 54.00 7.50 SC 36 x 54 x 8 36.00 54.00 8.00 SC 36 x 56 x 10 36.00 56.00 10.00 SC 36 x 58 x 10 36.00 58.00 10.00 SC 36 x 62 x 7 36.00 62.00 7.00 SC 36 x 68 x 10 36.00 68.00 10.00 SC 36 x 83 x 12 36.00 83.00 12.00 SC 37 x 50 x 7 37.00 50.00 7.00 SC 37 x 52 x 7 37.00 52.00 7.00 SC 37 x 52 x 8 37.00 52.00 8.00 SC 37 x 56 x 9 37.00 56.00 9.00 SC 37 x 62 x 8 37.00 62.00 8.00 SC 37 x 62 x 10 37.00 62.00 10.00 SC 37 x 80 x 10 37.00 80.00 10.00 SC 37 x 80 x 12 37.00 80.00 12.00 SC 37 x 80 x 13 37.00 80.00 13.00 SC 38 x 47 x 10 38.00 47.00 10.00 SC 38 x 50 x 6 38.00 50.00 6.00 SC 38 x 50 x 7 38.00 50.00 7.00 SC 38 x 50 x 8 38.00 50.00 8.00 SC 38 x 52 x 7 38.00 52.00 7.00 SC 38 x 52 x 8 38.00 52.00 8.00 SC 38 x 52 x 10 38.00 52.00 10.00 SC 38 x 53 x 7 38.00 53.00 7.00 SC 38 x 54 x 10 38.00 54.00 10.00 ROTARY SEALS | STANDARD SHAFT SEALS | SC ROTARY SEALS | STANDARD SHAFT SEALS | SC www.francejoint.com |