| データシートサーチシステム |
|
M93C46-RDS3G/W データシート(PDF) 20 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M93C46-RDS3G/W データシート(HTML) 20 Page - STMicroelectronics |
|
20 / 38 page ![]() Maximum rating M93C86, M93C76, M93C66, M93C56, M93C46 20/38 10 Maximum rating Stressing the device above the rating listed in the absolute maximum ratings table may cause permanent damage to the device. These are stress ratings only and operation of the device at these or any other conditions above those indicated in the operating sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. Refer also to the STMicroelectronics SURE Program and other relevant quality documents. Table 8. Absolute maximum ratings Symbol Parameter Min. Max. Unit TA Ambient operating temperature –40 130 °C TSTG Storage temperature –65 150 °C TLEAD PDIP-specific lead temperature during soldering 260(1) 1. TLEADmax must not be applied for more than 10 s. °C VOUT Output range (Q = VOH or Hi-Z) –0.50 VCC+0.5 V VIN Input range –0.50 VCC+1 V VCC Supply voltage –0.50 6.5 V VESD Electrostatic discharge voltage (human body model)(2) 2. JEDEC Std JESD22-A114A (C1=100 pF, R1=1500 Ω, R2=500 Ω). –4000 4000 V |