データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AT83C23OK203-RARUM データシート(PDF) 2 Page - ATMEL Corporation

部品番号 AT83C23OK203-RARUM
部品情報  CardMan짰 Smart@Link
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ATMEL [ATMEL Corporation]
ホームページ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83C23OK203-RARUM データシート(HTML) 2 Page - ATMEL Corporation

  AT83C23OK203-RARUM Datasheet HTML 1Page - ATMEL Corporation AT83C23OK203-RARUM Datasheet HTML 2Page - ATMEL Corporation AT83C23OK203-RARUM Datasheet HTML 3Page - ATMEL Corporation AT83C23OK203-RARUM Datasheet HTML 4Page - ATMEL Corporation AT83C23OK203-RARUM Datasheet HTML 5Page - ATMEL Corporation AT83C23OK203-RARUM Datasheet HTML 6Page - ATMEL Corporation AT83C23OK203-RARUM Datasheet HTML 7Page - ATMEL Corporation AT83C23OK203-RARUM Datasheet HTML 8Page - ATMEL Corporation AT83C23OK203-RARUM Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2
AT83C23OK
4307CS–SCR–03/07
Description
Smart Cards are increasingly being used for Payments, Home-Banking, Access Control,
Internet Security, PKItokens, Health Care, Loyalty, etc.
The CardManSmart@Link chip set is a ready to use precertified smart card reader inter-
face, that can be implemented into USB hosts. It facilitates hardware integrators by
reducing time-to-market and offers a unique opportunity to quickly and easily include
smart card reader functionality in systems like PCs, Notebooks, Keyboards, Smart Card
based Dongles, Monitors, Mice, PDAs, Thin Clients, Biometric devices etc. The already
existing certifications and compliances guarantee a fast and easy certification process.
With its high performance Smart Card Interface CardMan Smart@Link supports smart-
card technology of the future.
The integration in any USB system can be easily done without any firmware or software
(driver) development, simply by embedding the CardMan Smart@Link design and
chipset into the target system. The USB CCID support makes this process the easiest
ever by connecting host and Smart Card Reader systems without the need of additional
drivers.
CardMan Smart@Link combines Atmel’s AT83C5123 microcontroller and Omnikey
firmware.
For detailed information on the Omnikey firmware, please refer to the Omnikey web site:
http://omnikey.aaitg.com.
In addition to the summary information contained in this document, please refer to the
AT83C5123 datasheet for complete product information. This document is available on
the Atmel web site www.atmel.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17