データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST7263BHX データシート(PDF) 143 Page - STMicroelectronics

部品番号 ST7263BHX
部品情報  Low speed USB 8-bit MCU family with up to 32K Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI & I짼C
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7263BHX データシート(HTML) 143 Page - STMicroelectronics

Back Button ST7263BHX Datasheet HTML 137Page - STMicroelectronics ST7263BHX Datasheet HTML 138Page - STMicroelectronics ST7263BHX Datasheet HTML 139Page - STMicroelectronics ST7263BHX Datasheet HTML 140Page - STMicroelectronics ST7263BHX Datasheet HTML 141Page - STMicroelectronics ST7263BHX Datasheet HTML 142Page - STMicroelectronics ST7263BHX Datasheet HTML 143Page - STMicroelectronics ST7263BHX Datasheet HTML 144Page - STMicroelectronics ST7263BHX Datasheet HTML 145Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 143 / 145 page
background image
ST7263BDx ST7263BHx ST7263BKx ST7263BE
143/145
Figure 83. Identifying silicon revision from device marking and box label
Bulk ID
Marking
Trace code
Total Qty
TYPE
XXXXXXXXXXXX
XXXXXXXXXX
B
XXXXXXXXX
XX XX
XX
xxxxxxxxxxx$x7
ST7xxxxxxxxx
xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx
xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx
xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx
1. Identify the silicon revision letter from either the device package or the box label.
For example, “B”, etc.
2. If the revision letter is not present, obtain the silicon revision by contacting your local ST
office with the trace code information printed on either the box label or the device package.
Device package (SO34 shown)
Example box label
The silicon revision can be identified either by Rev letter or obtained via a trace code.
Follow the procedure below:
Silicon Rev
Trace code
Silicon Rev



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More