| データシートサーチシステム |
|
ST7263BHX データシート(PDF) 36 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7263BHX データシート(HTML) 36 Page - STMicroelectronics |
|
36 / 145 page ![]() ST7263BDx ST7263BHx ST7263BKx ST7263BE 36/145 I/O ports (Cont’d) 10.3.2 Port B Table 12. Port B description PORT B I/O Alternate function Input1 Output Signal Condition PB0 without pull-up push-pull Analog input (ADC) CH[3:0] = 000 (ADCCSR) PB1 without pull-up push-pull Analog input (ADC) CH[3:0] = 001 (ADCCSR) USBOE (USB output ena- ble)2 USBOE =1 (MISCR) PB2 without pull-up push-pull Analog input (ADC) CH[3:0]= 010 (ADCCSR) PB3 without pull-up push-pull Analog input (ADC) CH[3:0]= 011 (ADCCSR) PB4 without pull-up push-pull Analog input (ADC) CH[3:0]= 100 (ADCCSR) IT5 Schmitt triggered input IT4E = 1 (ITIFRE) PB5 without pull-up push-pull Analog input (ADC) CH[3:0]= 101 (ADCCSR) IT6 Schmitt triggered input IT5E = 1 (ITIFRE) PB6 without pull-up push-pull Analog input (ADC) CH[3:0]= 110 (ADCCSR) IT7 Schmitt triggered input IT6E = 1 (ITIFRE) PB7 without pull-up push-pull Analog input (ADC) CH[3:0]= 111 (ADCCSR) IT8 Schmitt triggered input IT7E = 1 (ITIFRE) 1Reset State 2On SO24 only |