| データシートサーチシステム |
|
M93C76-DW6P/S データシート(PDF) 36 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M93C76-DW6P/S データシート(HTML) 36 Page - STMicroelectronics |
|
36 / 38 page ![]() Revision history M93C86, M93C76, M93C66, M93C56, M93C46 36/38 14 Revision history Table 34. Document revision history Date Revision Changes 04-Feb-2003 2.0 Document reformatted, and reworded, using the new template. Temperature range 1 removed. TSSOP8 (3x3mm) package added. New products, identified by the process letter W, added, with fc(max) increased to 1MHz for -R voltage range, and to 2MHz for all other ranges (and corresponding parameters adjusted) 26-Mar-2003 2.1 Value of standby current (max) corrected in DC characteristics tables for -W and -R ranges VOUT and VIN separated from VIO in the Absolute Maximum Ratings table 04-Apr-2003 2.2 Values corrected in AC characteristics tables for -W range (tSLSH, tDVCH, tCLSL) for devices with Process Identification Letter W 23-May-2003 2.3 Standby current corrected for -R range 27-May-2003 2.4 Turned-die option re-instated in Ordering Information Scheme 25-Nov-2003 3.0 Table of contents, and Pb-free options added. Temperature range 7 added. VIL(min) improved to –0.45V. 30-Mar-2004 4.0 MLP package added. Absolute Maximum Ratings for VIO(min) and VCC(min) changed. Soldering temperature information clarified for RoHS compliant devices. Device grade information clarified. Process identification letter “G” information added 16-Aug-2004 5.0 M93C06 removed. Device grade information further clarified. Process identification letter “S” information added. Turned-die package option removed. Product list summary added. 27-Oct-2005 6.0 current product/new product distinction removed. ICC and ICC1 values for current product removed from tables 15, 16 and 17 and AC characteristics for current product removed from Tables 20 and 21. Clock rate added to Features. “Q = open” added to ICC Test conditions in DC Characteristics Tables 15, 16, 17, 18 and 19. Process added to Table 28.: Ordering information scheme. POWER ON DATA PROTECTION section removed, replaced by Operating features and Active Power and Standby Power modes. Initial delivery state added. SO8N and TSSOP8 packages updated. PDIP-specific TLEAD added to Table 8.: Absolute maximum ratings. |