データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST7263BH2T1 データシート(PDF) 28 Page - STMicroelectronics

部品番号 ST7263BH2T1
部品情報  Low speed USB 8-bit MCU family with up to 32K Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI & I짼C
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7263BH2T1 データシート(HTML) 28 Page - STMicroelectronics

Back Button ST7263BH2T1 Datasheet HTML 24Page - STMicroelectronics ST7263BH2T1 Datasheet HTML 25Page - STMicroelectronics ST7263BH2T1 Datasheet HTML 26Page - STMicroelectronics ST7263BH2T1 Datasheet HTML 27Page - STMicroelectronics ST7263BH2T1 Datasheet HTML 28Page - STMicroelectronics ST7263BH2T1 Datasheet HTML 29Page - STMicroelectronics ST7263BH2T1 Datasheet HTML 30Page - STMicroelectronics ST7263BH2T1 Datasheet HTML 31Page - STMicroelectronics ST7263BH2T1 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 145 page
background image
ST7263BDx ST7263BHx ST7263BKx ST7263BE
28/145
Interrupts (Cont’d)
Figure 19. Interrupt processing flowchart
Table 8. Interrupt mapping
BIT I SET
Y
N
IRET
Y
N
FROM RESET
LOAD PC FROM INTERRUPT VECTOR
STACK PC, X, A, CC
SET I BIT
FETCH NEXT INSTRUCTION
EXECUTE INSTRUCTION
THIS CLEARS I BIT BY DEFAULT
RESTORE PC, X, A, CC FROM STACK
INTERRUPT
Y
N
N°
Source
block
Description
Register
label
Priority
order
Exit
from
Halt
Vector
address
RESET
Reset
N/A
Highest
Priority
Lowest
Priority
yes
FFFEh-FFFFh
TRAP
Software Interrupt
no
FFFCh-FFFDh
FLASH
Flash Start Programming Interrupt
yes
FFFAh-FFFBh
USB
End Suspend mode
ISTR
yes
FFF8h-FFF9h
1
ITi
External Interrupts
ITRFRE
FFF6h-FFF7h
2
TIMER
Timer Peripheral Interrupts
TIMSR
no
FFF4h-FFF5h
3
I²C
I²C Peripheral Interrupts
I²CSR1
FFF2h-FFF3h
I²CSR2
4
SCI
SCI Peripheral Interrupts
SCISR
FFF0h-FFF1h
5
USB
USB Peripheral Interrupts
ISTR
FFEEh-FFEFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More