データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M93C76-DS6P/S データシート(PDF) 11 Page - STMicroelectronics

部品番号 M93C76-DS6P/S
部品情報  16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit (8-bit or 16-bit wide) MICROWIRE짰 serial access EEPROM
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M93C76-DS6P/S データシート(HTML) 11 Page - STMicroelectronics

Back Button M93C76-DS6P/S Datasheet HTML 7Page - STMicroelectronics M93C76-DS6P/S Datasheet HTML 8Page - STMicroelectronics M93C76-DS6P/S Datasheet HTML 9Page - STMicroelectronics M93C76-DS6P/S Datasheet HTML 10Page - STMicroelectronics M93C76-DS6P/S Datasheet HTML 11Page - STMicroelectronics M93C76-DS6P/S Datasheet HTML 12Page - STMicroelectronics M93C76-DS6P/S Datasheet HTML 13Page - STMicroelectronics M93C76-DS6P/S Datasheet HTML 14Page - STMicroelectronics M93C76-DS6P/S Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
M93C86, M93C76, M93C66, M93C56, M93C46
Memory organization
11/38
4
Memory organization
The M93Cx6 memory is organized either as bytes (x8) or as words (x16). If Organization
Select (ORG) is left unconnected (or connected to VCC) the x16 organization is selected;
when Organization Select (ORG) is connected to Ground (VSS) the x8 organization is
selected. When the M93Cx6 is in Standby mode, Organization Select (ORG) should be set
either to VSS or VCC for minimum power consumption. Any voltage between VSS and VCC
applied to Organization Select (ORG) may increase the Standby current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38