| データシートサーチシステム |
|
GL423 データシート(PDF) 13 Page - GENESYS LOGIC |
|
|
|||||||||||||||||||||||||||||
GL423 データシート(HTML) 13 Page - GENESYS LOGIC |
|
13 / 32 page ![]() GL422/GL423 USB 2.0 +SD/MMC-controller Combo Solution ©2000-2006 Genesys Logic Inc. - All rights reserved. Page 13 3.2.3 EPFIFO Endpoint FIFO: it includes Control FIFO (FIFO0), interrupt FIFO (FIFO3), Bulk In/Out FIFO (BULKFIFO) 3.2.3.1 Control FIFO FIFO of control endpoint 0. It is 64-byte FIFO, and it is used for endpoint 0 data transfer. 3.2.3.2 Interrupt FIFO 64-byte-depth FIFO of endpoint 3 for status interrupt. 3.2.3.3 Bulk In/Out FIFO It can be in the TX mode or RX mode: • It contains ping-pong FIFO (512 bytes each bank) for transmit/receive data continuously. • It can be directly accessed by micro controller • Support SIE won’t transmit data filled before micro controller check data integrity complete. • It can be used to copy data block from source to destination in the same card or from one card to other card. 3.2.4 MHE It contains 3 MIF (Media Interface), control and MCFIFO 3.2.4.1 MIFs • SD / MMC MIF • Memory Stick MIF • Memory Stick-PRO MIF 3.2.4.2 MCFIFO 32-byte FIFO shared by Memory Stick, Memory Stick-PRO, SD/MMC MIF. • Memory Stick and Memory Stick-PRO MIF can use MCFIFO as command FIFO. • SD/MMC MIF use MCFIFO for command and response. |