| データシートサーチシステム |
|
GL816 データシート(PDF) 18 Page - GENESYS LOGIC |
|
|
|||||||||||||||||||||||||||||
GL816 データシート(HTML) 18 Page - GENESYS LOGIC |
|
18 / 23 page ![]() GL816 USB 2.0 Flash Card Reader Controller © 2004 Genesys Logic Inc. - All rights reserved. Page 18 6.3 AC Characteristics 6.3.1 UTMI Transceiver The GL816 is fully compatible with Universal Serial Bus specification rev. 2.0 and USB 2.0 Transceiver Macercell Interface (UTMI) specification rev. 1.01. Please refer to the specifications for more information. 6.3.2 External Flash NVMA[0..15] dddddxdddddddddddddddxddddd \\\\\;\\\\\\\\\\\\\\@’ \\\\\ NVMOE# lllllrhhhhhhhhhhhhhhhflllll \\\\\;\\\@;\\\\\@’ \\\;\\@’ \ NVMWE# hhhhhhhhhhfllllllrhhhhhhhhh NVMD[0..7] dddddxddddxddddddddddxdddxd Figure 6.1 - Timing Diagram of External Flash Parameter Description Min Typ Max Unit TWC Write data cycle time 102.5 TWW Write pulse width 41.6 TOW OE# to WE# time 38.6 TRA Read Access time 90 ns 6.3.3 PCMCIA Read A[0..16] dxddddddddddddddddddddddddd \\\\\\\\\\\\\;\\\@;\\@’ \\\\ OE# / IOR# hhhhhhhfllllllllllrhhhhhhfl \\\\\\\;\\\\\\\\\\\\\\\\@’ \ D[0..15] zzzzzzzzzzzzznddddddddozzzz Write A[0..16] dxddddddddddddddddddddddddd \\\\;\\@;\\\\\\\\@;\\@’ \\\\ WE# / IOW# hhhhhhhhflllllllllrhhhhhhfl \\\\\\\;\\\\\\\\\\\\\\\\@’ \ D[0..15] zzzzndddddddddddddddddozzzz Figure 6.2 - Timing Diagram of PCMCIA Twc Tow Tww Tra Tds Tdh Tdc Tdp Tdd Tdc Tpw |