データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ML12210 データシート(PDF) 4 Page - LANSDALE Semiconductor Inc.

部品番号 ML12210
部品情報  Serial Input PLL Frequency Synthesizer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LANSDALE [LANSDALE Semiconductor Inc.]
ホームページ  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML12210 データシート(HTML) 4 Page - LANSDALE Semiconductor Inc.

  ML12210 Datasheet HTML 1Page - LANSDALE Semiconductor Inc. ML12210 Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML12210 Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML12210 Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML12210 Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML12210 Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML12210 Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML12210 Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML12210 Datasheet HTML 9Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
www.lansdale.com
Page 4 of 11
Issue A
LANSDALE Semiconductor, Inc.
ML12210
DATA ENTRY FORMAT
The three wire interface of DATA pin, CLK (clock) pin and LE (load enable) pin controls the serial data input of the 14–bit programma-
ble reference divider plus the prescaler setting bit, and the 18–bit programmable divider. A rising edge of the clock shifts one bit of serial
data into the internal shift registers. Depending upon the level of the control bit, stored data is transferred into the latch when load enable
pin is HIGH or OPEN.
Control bit:
“H” = data is transferred into 15–bit latch of programmable reference divider
“L” = data is transferred into 18–bit latch of programmable divider
WARNING: Switching CLK or DATA after the device is programmed may generate noise on the charge pump outputs which will affect
the VCO.
PROGRAMMABLE REFERENCE DIVIDER
16–bit serial data format for the programmable reference counter, “R–counter”, and prescaler select bit (SW) is shown below. If the con-
trol bit is HIGH, data is transferred from the 15–bit shift register into the 15–bit latch which specifies the R divide ratio (8 to16383) and
the prescaler divide ratio (SW=0 for ÷64/65, SW=1 for ÷32/33). An R divide ratio less than 8 is prohibited.
For Control bit (C) = HIGH:
C
R
1
R
2
R
3
R
4
R
5
R
6
R
7
R
8
R
9
R
10
R
11
R
12
R
13
R
14
S
W
SETTING BITS FOR DIVIDE RATIO OF PROGRAMMABLE
REFERENCE COUNTER (R–COUNTER)
MSB
SETTING BIT FOR PRESCALER DIVIDE RATIO (FIRST BIT)
LSB
CONTROL BIT (LAST BIT)
DIVIDE RATIO OF PROGRAMMABLE REFERENCE (R) COUNTER
Divide
Ratio R
R
14
R
13
R
12
R
11
R
10
R
9
R
8
R
7
R
6
R
5
R
4
R
3
R
2
R
1
8
0
0
0
0
0
0
0
0
0
0
1
0
0
0
9
0
0
0
0
0
0
0
0
0
0
1
0
0
1
16383
1
1
1
1
1
1
1
1
1
1
1
1
1
1
PRESCALER SELECT BIT
Prescaler Divide Ratio P
SW
64/65
0
32/33
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com