データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M93C46-RBN6G/S データシート(PDF) 17 Page - STMicroelectronics

部品番号 M93C46-RBN6G/S
部品情報  16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit (8-bit or 16-bit wide) MICROWIRE짰 serial access EEPROM
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M93C46-RBN6G/S データシート(HTML) 17 Page - STMicroelectronics

Back Button M93C46-RBN6G/S Datasheet HTML 13Page - STMicroelectronics M93C46-RBN6G/S Datasheet HTML 14Page - STMicroelectronics M93C46-RBN6G/S Datasheet HTML 15Page - STMicroelectronics M93C46-RBN6G/S Datasheet HTML 16Page - STMicroelectronics M93C46-RBN6G/S Datasheet HTML 17Page - STMicroelectronics M93C46-RBN6G/S Datasheet HTML 18Page - STMicroelectronics M93C46-RBN6G/S Datasheet HTML 19Page - STMicroelectronics M93C46-RBN6G/S Datasheet HTML 20Page - STMicroelectronics M93C46-RBN6G/S Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
M93C86, M93C76, M93C66, M93C56, M93C46
Instructions
17/38
5.6
Write All
As with the Erase All Memory (ERAL) instruction, the format of the Write All Memory with
same Data (WRAL) instruction requires that a dummy address be provided. As with the
Write Data to Memory (WRITE) instruction, the format of the Write All Memory with same
Data (WRAL) instruction requires that an 8-bit data byte, or 16-bit data word, be provided.
This value is written to all the addresses of the memory device. The completion of the cycle
can be detected by monitoring the READY/BUSY line, as described next.
Figure 6.
WRAL sequence
1.
For the meanings of Xn and Dn, please see Table 5., Table 6. and Table 7..
AI00880C
S
WRITE
ALL
DATA IN
D
Q
ADDR
OP
CODE
Dn
D0
BUSY
READY
CHECK
STATUS
1
0 0
0
1 Xn X0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38