| データシートサーチシステム |
|
TSM1052 データシート(PDF) 9 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TSM1052 データシート(HTML) 9 Page - STMicroelectronics |
|
9 / 15 page ![]() TSM1052 Application information 9/15 4.2.2 Current control The current loop is controlled via the second trans-conductance operational amplifier, the sense resistor Rsense, and the optocoupler. The control equation verifies: Equation 2 where Ilim is the desired limited current, and VSENSE is the threshold voltage for the current control loop. As an example, with Ilim = 1A, VSENSE = 200mV, then RSENSE = 200mΩ. Note: The Rsense resistor should be chosen taking into account the maximum dissipation (Plim) through it during full load operation. Equation 3 As an example, with Ilim = 1A, and Vsense = 200mV, Plim = 200mW. Therefore, for most adapter and battery charger applications, a quarter-watt, or half-watt resistor is sufficient. VSENSE threshold is made internally by a voltage divider tied to the Vref voltage reference. Its middle point is tied to the positive input of the current control operational amplifier, and its foot is to be connected to lower potential point of the sense resistor as shown in Figure 15 on page 8. The resistors of this voltage divider are matched to provide the best possible accuracy. The current sinking outputs of the two transconductance operational amplifiers are common (to the output of the IC). This makes an ORing function which ensures either the voltage control or the current control, driving the optocoupler's photodiode to transmit the feedback to the primary side. The relation between the controlled current and the controlled output voltage can be described with a square characteristic as shown in the following V/I output-power diagram. (with the power supply of the device indipendent of the output voltage) a) b) lim sense sense I V R = sense lim sense V I R = ⋅ lim sense lim I V P ⋅ = |