データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M93C76-DS6G/S データシート(PDF) 19 Page - STMicroelectronics

部品番号 M93C76-DS6G/S
部品情報  16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit (8-bit or 16-bit wide) MICROWIRE짰 serial access EEPROM
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M93C76-DS6G/S データシート(HTML) 19 Page - STMicroelectronics

Back Button M93C76-DS6G/S Datasheet HTML 15Page - STMicroelectronics M93C76-DS6G/S Datasheet HTML 16Page - STMicroelectronics M93C76-DS6G/S Datasheet HTML 17Page - STMicroelectronics M93C76-DS6G/S Datasheet HTML 18Page - STMicroelectronics M93C76-DS6G/S Datasheet HTML 19Page - STMicroelectronics M93C76-DS6G/S Datasheet HTML 20Page - STMicroelectronics M93C76-DS6G/S Datasheet HTML 21Page - STMicroelectronics M93C76-DS6G/S Datasheet HTML 22Page - STMicroelectronics M93C76-DS6G/S Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 38 page
background image
M93C86, M93C76, M93C66, M93C56, M93C46
Clock pulse counter
19/38
9
Clock pulse counter
In a noisy environment, the number of pulses received on Serial Clock (C) may be greater
than the number delivered by the master (the microcontroller). This can lead to a
misalignment of the instruction of one or more bits (as shown in Figure 7.) and may lead to
the writing of erroneous data at an erroneous address.
To combat this problem, the M93Cx6 has an on-chip counter that counts the clock pulses
from the start bit until the falling edge of the Chip Select Input (S). If the number of clock
pulses received is not the number expected, the WRITE, ERASE, ERAL or WRAL
instruction is aborted, and the contents of the memory are not modified.
The number of clock cycles expected for each instruction, and for each member of the
M93Cx6 family, are summarized in Table 5. to Table 7.. For example, a Write Data to
Memory (WRITE) instruction on the M93C56 (or M93C66) expects 20 clock cycles (for the
x8 organization) from the start bit to the falling edge of Chip Select Input (S). That is:
1 Start bit
+ 2 Op-code bits
+ 9 Address bits
+ 8 Data bits
Figure 7.
Write sequence with one clock glitch
AI01395
S
An-1
C
D
WRITE
START
D0
"1"
"0"
An
Glitch
An-2
ADDRESS AND DATA
ARE SHIFTED BY ONE BIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38