| データシートサーチシステム |
|
M93C66-RBN3G/S データシート(PDF) 23 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M93C66-RBN3G/S データシート(HTML) 23 Page - STMicroelectronics |
|
23 / 38 page ![]() M93C86, M93C76, M93C66, M93C56, M93C46 DC and AC parameters 23/38 Table 16. DC characteristics (M93Cx6, device grade 3) Symbol Parameter Test condition Min. Max. Unit ILI Input leakage current 0V ≤V IN ≤VCC ±2.5 µA ILO Output leakage current 0V ≤V OUT ≤VCC, Q in Hi-Z ±2.5 µA ICC Supply current VCC = 5 V, S = VIH, f = 2 MHz, Q = open 2 mA ICC1 Supply current (Standby) VCC = 5 V, S = VSS, C = VSS, ORG = VSS or VCC, pin7 = VCC, VSS or Hi-Z 15 µA VIL Input low voltage VCC = 5 V ± 10% –0.45 0.8 V VIH Input high voltage VCC = 5 V ± 10% 2 VCC + 1 V VOL Output low voltage VCC = 5 V, IOL = 2.1 mA 0.4 V VOH Output high voltage VCC = 5 V, IOH = –400 µA 2.4 V Table 17. DC characteristics (M93Cx6-W, device grade 6) Symbol Parameter Test condition Min. Max. Unit ILI Input leakage current 0V ≤V IN ≤VCC ±2.5 µA ILO Output leakage current 0V ≤V OUT ≤VCC, Q in Hi-Z ±2.5 µA ICC Supply current (CMOS inputs) VCC = 5 V, S = VIH, f = 2 MHz, Q = open 2 mA VCC = 2.5 V, S = VIH, f = 2 MHz, Q = open 1 mA ICC1 Supply current (Standby) VCC = 2.5 V, S = VSS, C = VSS, ORG = VSS or VCC, pin7 = VCC, VSS or Hi-Z 5 µA VIL Input low voltage (D, C, S) –0.45 0.2 VCC V VIH Input high voltage (D, C, S) 0.7 VCC VCC + 1 V VOL Output low voltage (Q) VCC = 5 V, IOL = 2.1 mA 0.4 V VCC = 2.5 V, IOL = 100 µA 0.2 V VOH Output high voltage (Q) VCC = 5 V, IOH = –400 µA 2.4 V VCC = 2.5 V, IOH = –100 µA VCC–0.2 V |