| データシートサーチシステム |
|
ARX383CS データシート(PDF) 2 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
ARX383CS データシート(HTML) 2 Page - ON Semiconductor |
|
2 / 4 page ![]() ARX383CS www.onsemi.com 2 ORDERING INFORMATION Table 2. AVAILABLE PART NUMBERS Product Id Description Orderable Part Attribute ARX383CSSM00SMKA0−CR Mono 0CRA CSP without Protective Film ARX383CSSM00SMKA0−CP Mono 0CRA CSP with Protective Film ARX383CSSM00SMKA0−CP2 Mono 0CRA CSP with Protective Film, MOQ 50 Pieces ARX383CSSM00SMKAH3−GEVB Mono 0CRA Evaluation Board ARX383CSSM28SMKA0−CR Mono 28CRA CSP without Protective Film ARX383CSSM28SMKA0−CP Mono 28CRA CSP with Protective Film ARX383CSSM28SMKA0−CP2 Mono 28CRA CSP with Protective Film, MOQ 50 Pieces ARX383CSSM28SMKAH3−GEVB Mono 28CRA Evaluation Board NOTE: Refer to ARX383CS Die Data Sheet for Die Part Numbers and Ordering Information. Table 3. FRAME RATE FOR ARX383 MODES OF OPERATION Resolution Mode Frame Rate (frames per sec) Full_Resolution 640x480 Master 120 Slave Integration Start 90 Slave Integration Time 90 Slave Integration Start and Readout Start 90 Slave Integration Start and Integration depends on exposure (not constant frame rate) 2x2_Subsampling 320x240 Master 245 Slave Integration Start 160 Slave Integration Time 160 Slave Integration Start and Readout Start 160 Slave Integration Start and Integration depends on exposure (not constant frame rate) Figure 1. Block Diagram Control Registers Analog Processing and A/D Conversion Active Pixel Sensor (APS) Array Pixel Data Path (Signal Processing) Timing and Control (Sequencer) Auto Exposure and Stats Engine OTPM Memory PLL External Clock MPI Serial Output Two−wire Serial Interface Power GPIO0/GPIO1 GPI2/GPI3 |