| データシートサーチシステム |
|
MPC8280 データシート(PDF) 204 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8280 データシート(HTML) 204 Page - Freescale Semiconductor, Inc |
|
204 / 1386 page ![]() System Interface Unit (SIU) MPC8280 PowerQUICC II Family Reference Manual, Rev. 1 4-32 Freescale Semiconductor 4.3.2.5 Local Bus Arbitration Level Registers (LCL_ALRH and LCL_ACRL) The local bus arbitration level registers (LCL_ALRH and LCL_ALRL), shown in Figure 4-26 and Figure 4-27, define arbitration priority for local bus masters 0–7. Priority field 0 has highest-priority. For information about the MPC8280 local bus master indexes see LCL_ACR[PRKM] in Table 4-11. 4–7 PRKM Parking master. Defines the parked master. 0000 CPM high request level refers to the IDMA which involves peripherals and the following serial channels (SCC, SPI, SMC, and I2C) 0001 CPM middle request level refers to all other serial channels (FCCs and MCCs) 0010 CPM low request level: it is possible to change the request level for all FCCs and MCCs to low priority when PPC_ACR[4–7] = 0010 and FCRx[1] = 1 (See Section 28.7.1, “FCC Function Code Registers (FCRx).” 0011 Host bridge Values 0100–1111 are reserved. 03 47 8 11 12 15 Field Priority Field 0 Priority Field 1 Priority Field 2 Priority Field 3 Reset 0000 0001 0010 0110 R/W R/W Addr 0x10038 16 19 20 23 24 27 28 31 Field Priority Field 4 Priority Field 5 Priority Field 6 Priority Field 7 Reset 0011 0100 0101 0111 R/W R/W Addr 0x10040 Figure 4-26. LCL_ALRH Table 4-11. LCL_ACR Field Descriptions (continued) Bits Name Description |