データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MPC8280 データシート(PDF) 26 Page - Freescale Semiconductor, Inc

部品番号 MPC8280
部品情報  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 データシート(HTML) 26 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 30Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 1386 page
background image
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
xxvi
Freescale Semiconductor
Contents
Paragraph
Number
Title
Page
Number
Chapter 21
SCC UART Mode
21.1
Features .......................................................................................................................... 21-2
21.2
Normal Asynchronous Mode......................................................................................... 21-2
21.3
Synchronous Mode ........................................................................................................ 21-3
21.4
SCC UART Parameter RAM ......................................................................................... 21-3
21.5
Data-Handling Methods: Character- or Message-Based ............................................... 21-5
21.6
Error and Status Reporting............................................................................................. 21-5
21.7
SCC UART Commands ................................................................................................. 21-6
21.8
Multidrop Systems and Address Recognition ............................................................... 21-7
21.9
Receiving Control Characters ........................................................................................ 21-7
21.10
Hunt Mode (Receiver) ................................................................................................... 21-9
21.11
Inserting Control Characters into the Transmit Data Stream......................................... 21-9
21.12
Sending a Break (Transmitter)..................................................................................... 21-10
21.13
Sending a Preamble (Transmitter) ............................................................................... 21-10
21.14
Fractional Stop Bits (Transmitter) ............................................................................... 21-11
21.15
Handling Errors in the SCC UART Controller ............................................................ 21-12
21.16
UART Mode Register (PSMR).................................................................................... 21-13
21.17
SCC UART Receive Buffer Descriptor (RxBD) ......................................................... 21-15
21.18
SCC UART Transmit Buffer Descriptor (TxBD) ........................................................ 21-18
21.19
SCC UART Event Register (SCCE) and Mask Register (SCCM) .............................. 21-19
21.20
SCC UART Status Register (SCCS)............................................................................ 21-21
21.21
SCC UART Programming Example ............................................................................ 21-22
21.22
S-Records Loader Application..................................................................................... 21-23
Chapter 22
SCC HDLC Mode
22.1
SCC HDLC Features ..................................................................................................... 22-1
22.2
SCC HDLC Channel Frame Transmission .................................................................... 22-2
22.3
SCC HDLC Channel Frame Reception ......................................................................... 22-2
22.4
SCC HDLC Parameter RAM......................................................................................... 22-3
22.5
Programming the SCC in HDLC Mode......................................................................... 22-5
22.6
SCC HDLC Commands ................................................................................................. 22-5
22.7
Handling Errors in the SCC HDLC Controller.............................................................. 22-6
22.8
HDLC Mode Register (PSMR)...................................................................................... 22-7
22.9
SCC HDLC Receive Buffer Descriptor (RxBD) ........................................................... 22-8
22.10
SCC HDLC Transmit Buffer Descriptor (TxBD)........................................................ 22-12
22.11
HDLC Event Register (SCCE)/HDLC Mask Register (SCCM) ................................. 22-13
22.12
SCC HDLC Status Register (SCCS)............................................................................ 22-15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More