| データシートサーチシステム |
|
MPC8280 データシート(PDF) 235 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8280 データシート(HTML) 235 Page - Freescale Semiconductor, Inc |
|
235 / 1386 page ![]() Reset MPC8280 PowerQUICC II Family Reference Manual, Rev. 1 Freescale Semiconductor 5-11 Figure 5-6. Configuring a Single Chip from EPROM 5.4.2.3 Multiple MPC8280s Configured from Boot EPROM For a complex system with multiple MPC8280 devices that may each be configured differently, configuration is done by assigning one configuration master and multiple configuration slaves. The MPC8280 that controls the boot EPROM should be the configuration master—RSTCONF tied to GND. The RSTCONF inputs of the other MPC8280 devices are tied to the address bus lines, thus assigning them as configuration slaves. See Figure 5-7. Configuration Master Chip PORESET PORESET Boot EPROM EPROM Control Signals RSTCONF D[0–31] D[0–7] A[0–31] A[..] HRESET VCC |