| データシートサーチシステム |
|
MPC8280 データシート(PDF) 159 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8280 データシート(HTML) 159 Page - Freescale Semiconductor, Inc |
|
159 / 1386 page ![]() Memory Map MPC8280 PowerQUICC II Family Reference Manual, Rev. 1 Freescale Semiconductor 3-15 0x1142C TC2 corrected cells counter (TC_CCC2)1 R/W 16 bits 0x0000 35.4.3.4/35-12 0x1142E TC2 idle cells counter (TC_ICC2)1 R/W 16 bits 0x0000 35.4.3.5/35-12 0x11430 TC2 transmitted cells counter (TC_TCC2)1 R/W 16 bits 0x0000 35.4.3.2/35-11 0x11432 TC2 error cells counter (TC_ECC2)1 R/W 16 bits 0x0000 35.4.3.3/35-12 0x11434 Reserved — 12 bytes — — TC Layer 31 0x11440 TC3 mode register (TCMODE3)1 R/W 16 bits 0x0000 35.4.1.1/35-7 0x11442 TC3 cell delineation state machine register (CDSMR3)1 R/W 16 bits 0x0000 35.4.1.2/35-8 0x11444 TC3 event register (TCER3)1 R/W 16 bits 0x0000 35.4.1.3/35-9 0x11446 TC3 received cells counter (TC_RCC3)1 R/W 16 bits 0x0000 35.4.1.4/35-10 0x11448 TC3 mask register (TCMR3)1 R/W 16 bits 0x0000 35.4.1.4/35-10 0x1144A TC3 filtered cells counter (TC_FCC3)1 R/W 16 bits 0x0000 35.4.3.6/35-12 0x1144C TC3 corrected cells counter (TC_CCC3)1 R/W 16 bits 0x0000 35.4.3.4/35-12 0x1144E TC3 idle cells counter (TC_ICC3)1 R/W 16 bits 0x0000 35.4.3.5/35-12 0x11450 TC3 transmitted cells counter (TC_TCC3)1 R/W 16 bits 0x0000 35.4.3.2/35-11 0x11452 TC3 error cells counter (TC_ECC3)1 R/W 16 bits 0x0000 35.4.3.3/35-12 0x11454 Reserved — 12 bytes — — TC Layer 41 0x11460 TC4 mode register (TCMODE4)1 R/W 16 bits 0x0000 35.4.1.1/35-7 0x11462 TC4 cell delineation state machine register (CDSMR4)1 R/W 16 bits 0x0000 35.4.1.2/35-8 0x11464 TC4 event register (TCER4)1 R/W 16 bits 0x0000 35.4.1.3/35-9 0x11466 TC4 received cells counter (TC_RCC4)1 R/W 16 bits 0x0000 35.4.1.4/35-10 0x11468 TC4 mask register (TCMR4)1 R/W 16 bits 0x0000 35.4.1.4/35-10 0x1146A TC4 filtered cells counter (TC_FCC4)1 R/W 16 bits 0x0000 35.4.3.6/35-12 0x1146C TC4 corrected cells counter (TC_CCC4)1 R/W 16 bits 0x0000 35.4.3.4/35-12 0x1146E TC4 idle cells counter (TC_ICC4)1 R/W 16 bits 0x0000 35.4.3.5/35-12 0x11470 TC4 transmitted cells counter (TC_TCC4)1 R/W 16 bits 0x0000 35.4.3.2/35-11 0x11472 TC4 error cells counter (TC_ECC4)1 R/W 16 bits 0x0000 35.4.3.3/35-12 0x11474 Reserved1 — 12 bytes — — TC Layer 51 0x11480 TC5 mode register (TCMODE5)1 R/W 16 bits 0x0000 35.4.1.1/35-7 Table 3-1. Internal Memory Map (continued) Address (offset) Register R/W Size Reset Section/Page |