データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MPC8270 データシート(PDF) 56 Page - Freescale Semiconductor, Inc

部品番号 MPC8270
部品情報  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8270 データシート(HTML) 56 Page - Freescale Semiconductor, Inc

Back Button MPC8270 Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 60Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 1386 page
background image
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
lvi
Freescale Semiconductor
Figures
Figure
Number
Title
Page
Number
14-5
RISC Time-Stamp Register (RTSR) ................................................................................... 14-11
14-6
CP Command Register (CPCR).......................................................................................... 14-12
14-7
Internal RAM Block Diagram............................................................................................. 14-18
14-8
Internal Data RAM Memory Map ...................................................................................... 14-19
14-9
Instruction RAM Partitioning ............................................................................................. 14-20
14-10
RISC Timer Table RAM Usage .......................................................................................... 14-24
14-11
RISC Timer Command Register (TM_CMD) .................................................................... 14-25
14-12
RISC Timer Event Register (RTER)/Mask Register (RTMR)............................................ 14-26
15-1
SI Block Diagram.................................................................................................................. 15-2
15-2
Various Configurations of a Single TDM Channel ............................................................... 15-5
15-3
Dual TDM Channel Example ............................................................................................... 15-6
15-4
Enabling Connections to the TSA......................................................................................... 15-8
15-5
One TDM Channel with Static Frames and Independent Rx and Tx Routes ....................... 15-9
15-6
One TDM Channel with Shadow RAM for Dynamic Route Change................................. 15-10
15-7
SIx RAM Entry Fields ........................................................................................................ 15-10
15-8
Using the SWTR Feature .................................................................................................... 15-12
15-9
Example: SIx RAM Dynamic Changes, TDMa and b, Same SIx RAM Size .................... 15-16
15-10
SI Global Mode Registers (SIxGMR)................................................................................. 15-17
15-11
SI Mode Registers (SIxMR) ............................................................................................... 15-18
15-12
One-Clock Delay from Sync to Data (xFSD = 01)............................................................. 15-20
15-13
No Delay from Sync to Data (xFSD = 00).......................................................................... 15-20
15-14
Falling Edge (FE) Effect When CE = 1 and xFSD = 01..................................................... 15-21
15-15
Falling Edge (FE) Effect When CE = 0 and xFSD = 01..................................................... 15-21
15-16
Falling Edge (FE) Effect When CE = 1 and xFSD = 00..................................................... 15-22
15-17
Falling Edge (FE) Effect When CE = 0 and xFSD = 00..................................................... 15-23
15-18
SIx RAM Shadow Address Registers (SIxRSR) ................................................................ 15-24
15-19
SI Command Register (SIxCMDR) .................................................................................... 15-24
15-20
SI Status Registers (SIxSTR) .............................................................................................. 15-25
15-21
Dual IDL Bus Application Example ................................................................................... 15-26
15-22
IDL Terminal Adaptor......................................................................................................... 15-27
15-23
IDL Bus Signals .................................................................................................................. 15-28
15-24
GCI Bus Signals .................................................................................................................. 15-31
16-1
CPM Multiplexing Logic (CMX) Block Diagram................................................................ 16-2
16-2
Enabling Connections to the TSA......................................................................................... 16-4
16-3
Bank of Clocks ...................................................................................................................... 16-5
16-4
CMX UTOPIA Address Register (CMXUAR) .................................................................... 16-7
16-5
Connection of the Master Address........................................................................................ 16-9
16-6
Connection of the Slave Address .......................................................................................... 16-9
16-7
Multi-PHY Receive Address Multiplexing......................................................................... 16-11
16-8
CMX SI1 Clock Route Register (CMXSI1CR) .................................................................. 16-12
16-9
CMX SI2 Clock Route Register (CMXSI2CR) .................................................................. 16-13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More