データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L5980 データシート(PDF) 33 Page - STMicroelectronics

部品番号 L5980
部品情報  0.7A step-down switching regulator
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5980 データシート(HTML) 33 Page - STMicroelectronics

Back Button L5980 Datasheet HTML 29Page - STMicroelectronics L5980 Datasheet HTML 30Page - STMicroelectronics L5980 Datasheet HTML 31Page - STMicroelectronics L5980 Datasheet HTML 32Page - STMicroelectronics L5980 Datasheet HTML 33Page - STMicroelectronics L5980 Datasheet HTML 34Page - STMicroelectronics L5980 Datasheet HTML 35Page - STMicroelectronics L5980 Datasheet HTML 36Page - STMicroelectronics L5980 Datasheet HTML 37Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 33 / 37 page
background image
Package mechanical data
L5980
33/37
6
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect. The category of the
second level interconnect is marked on the package and on the inner box label, in
compliance with the JEDEC Standard JESD97. The maximum ratings related to soldering
condition are also marked on the inner box label. ECOPACK® is an ST trademark.
ECOPACK specifications are available at: www.st.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37