| データシートサーチシステム |
|
M24C64-DFMN6TP/KF データシート(PDF) 32 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M24C64-DFMN6TP/KF データシート(HTML) 32 Page - STMicroelectronics |
|
32 / 54 page ![]() DC and AC parameters M24C64-W M24C64-R M24C64-F M24C64-DF 32/54 DS6638 Rev 36 Figure 15. Maximum Rbus value versus bus parasitic capacitance (Cbus) for an I2C bus at maximum frequency fC = 400 kHz Figure 16. Maximum Rbus value versus bus parasitic capacitance Cbus) for an I2C bus at maximum frequency fC = 1MHz |