| データシートサーチシステム |
|
TL331IDBVRQ1 データシート(PDF) 7 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TL331IDBVRQ1 データシート(HTML) 7 Page - Texas Instruments |
|
7 / 27 page ![]() 5.9 Electrical Characteristics, TL331-Q1, TL331E-Q1 at specified free-air temperature, VCC = 5V (unless otherwise noted) PARAMETER TEST CONDITIONS(1) TA MIN TYP MAX UNIT VIO Input offset voltage VCC = 5V to 30V, VO = 1.4V, VIC = VIC(min) 25°C 2 5 mV Over Temp 9 IIO Input offset current VO = 1.4V 25°C 5 50 nA Over Temp 250 IIB Input bias current VO = 1.4V 25°C –25 –250 nA Over Temp –400 VICR Common-mode input voltage range(2) 25°C 0 to VCC – 1.5 V Over Temp 0 to VCC – 2 AVD Large-signal differential-voltage amplification VCC = 15V, VO = 1.4V to 11.4V, RL ≥ 15kΩ to VCC 25°C 50 200 V/mV IOH High-level output current VOH = 5V, VID = 1V 25°C 0.1 50 nA VOH = 30V, VID = 1V Over Temp 1 μA VOL Low-level output voltage IOL = 4mA, VID = –1V 25°C 150 400 mV Over Temp 700 IOL Low-level output current VOL = 1.5V, VID = –1V 25°C 6 mA ICC Supply current RL = ∞, VCC = 5V 25°C 0.4 0.7 mA (1) All characteristics are measured with zero common-mode input voltage, unless otherwise specified. (2) The voltage at either input or common-mode can not be allowed to go negative by more than 0.3V. The upper end of the common- mode voltage range is VCC+ – 1.5V at 25°C, but either or both inputs can go to 30V without damage. 5.10 Switching Characteristics, TL331-Q1, TL331E-Q1 VCC = 5V, TA = 25°C PARAMETER TEST CONDITIONS TYP UNIT Response time RL connected to 5V through 5.1kΩ, CL = 15pF(1) (2) 100mV input step with 5mV overdrive 1.3 μs TTL-level input step 0.3 (1) CL includes probe and jig capacitance. (2) The response time specified is the interval between the input step function and the instant when the output crosses 1.4V. www.ti.com TL331-Q1, TL331B-Q1, TL391B-Q1 SLVS969H – OCTOBER 2009 – REVISED JANUARY 2025 Copyright © 2025 Texas Instruments Incorporated Submit Document Feedback 7 Product Folder Links: TL331-Q1 TL331B-Q1 TL391B-Q1 |