| データシートサーチシステム |
|
VIPER50A-E データシート(PDF) 20 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VIPER50A-E データシート(HTML) 20 Page - STMicroelectronics |
|
20 / 31 page ![]() 5 Operation Description VIPer50A-E/ASP-E 20/31 Figure 17. Mixed Soft Start and Compensation Figure 18. Latched Shut Down Figure 19. Typical Compensation Network Figure 20. Slope Compensation Figure 21. External Clock Synchronization Figure 22. Current Limitation Circuit Example - + 13V OSC COMP SOURCE DRAIN VDD VIPer50 R1 C1 + C2 D1 R2 R3 D2 D3 + C3 AUXILIARY WINDING FC00331 C4 - + 13V OSC COMP SOURCE DRAIN VDD VIPer50 Shutdown Q1 Q2 R1 R2 R3 R4 D1 FC00340 - + 13V OSC COMP SOURCE DRAIN VDD VIPer50 R1 C1 FC00351 C2 - + 13V OS C C OM P SO UR CE D RAIN VD D VIPer5 0 R1 R2 Q1 C2 C1 R 3 FC 00361 C3 - + 13V OSC COMP SOURCE DRAIN VDD VIPer50 10 k Ω FC00370 - + 13V OSC COMP SOURCE DRAIN VDD VIPer50 R1 R2 Q1 FC00380 |