データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ELANSC310 データシート(PDF) 90 Page - Advanced Micro Devices

部品番号 ELANSC310
部品情報  Single-Chip, 32-Bit, PC/AT Microcontroller
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMD [Advanced Micro Devices]
ホームページ  http://www.amd.com
Logo AMD - Advanced Micro Devices

ELANSC310 データシート(HTML) 90 Page - Advanced Micro Devices

Back Button ELANSC310 Datasheet HTML 86Page - Advanced Micro Devices ELANSC310 Datasheet HTML 87Page - Advanced Micro Devices ELANSC310 Datasheet HTML 88Page - Advanced Micro Devices ELANSC310 Datasheet HTML 89Page - Advanced Micro Devices ELANSC310 Datasheet HTML 90Page - Advanced Micro Devices ELANSC310 Datasheet HTML 91Page - Advanced Micro Devices ELANSC310 Datasheet HTML 92Page - Advanced Micro Devices ELANSC310 Datasheet HTML 93Page - Advanced Micro Devices ELANSC310 Datasheet HTML 94Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 119 page
background image
90
Élan™SC310 Microcontroller Data Sheet
PREL IMINARY
t4
t5
VCC/AVCC
VMEM
RESIN
VCC5
VSYS2
VCC1
VSYS
IORESET
RSTDRV
Notes:
1. RSTDRV external driver is powered by: VCCIO = VSYS and VCC Clamp = VCC5.
2. The pulse width of RSTDRV is adjustable based on PLL start-up timing. See the Loop Filters section on page 86
for more information.
Figure 33.
Micro Power Off Mode Exit
Note 1
Note 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More