データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ELANSC310 データシート(PDF) 119 Page - Advanced Micro Devices

部品番号 ELANSC310
部品情報  Single-Chip, 32-Bit, PC/AT Microcontroller
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMD [Advanced Micro Devices]
ホームページ  http://www.amd.com
Logo AMD - Advanced Micro Devices

ELANSC310 データシート(HTML) 119 Page - Advanced Micro Devices

Back Button ELANSC310 Datasheet HTML 111Page - Advanced Micro Devices ELANSC310 Datasheet HTML 112Page - Advanced Micro Devices ELANSC310 Datasheet HTML 113Page - Advanced Micro Devices ELANSC310 Datasheet HTML 114Page - Advanced Micro Devices ELANSC310 Datasheet HTML 115Page - Advanced Micro Devices ELANSC310 Datasheet HTML 116Page - Advanced Micro Devices ELANSC310 Datasheet HTML 117Page - Advanced Micro Devices ELANSC310 Datasheet HTML 118Page - Advanced Micro Devices ELANSC310 Datasheet HTML 119Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 119 / 119 page
background image
Élan™SC310 Microcontroller Data Sheet
119
PREL IMINARY
29.80
30.20
27.80
28.20
29.80
30.20
27.80
28.20
1
208
1.00 REF.
1.60 MAX
11
° – 13°
11
° – 13°
0.50 BSC
1.35
1.45
16-038-PQT-1_AL
PQL208
9.4.97 lv
52
PHYSICAL DIMENSIONS (CONTINUED)
PQL 208, Trimmed and Formed
Thin Quad Flat Pack (TQFP)
Notes:
1. All dimensions are in millimeters.
2. Not to scale. For reference only.
Trademarks
AMD, the AMD logo, and combinations thereof are trademarks of Advanced Micro Devices, Inc.
Am386 and Am486 are registered trademarks of Advanced Micro Devices, Inc.
E86, K86, and Élan are trademarks of Advanced Micro Devices, Inc.
FusionE86 is a service mark of Advanced Micro Devices, Inc.
Product names used in this publication are for identification purposes only and may be trademarks of their respective companies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More