データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M25P40 データシート(PDF) 17 Page - STMicroelectronics

部品番号 M25P40
部品情報  4 Mbit, low voltage, serial Flash memory with 50 MHz SPI bus interface
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25P40 データシート(HTML) 17 Page - STMicroelectronics

Back Button M25P40_07 Datasheet HTML 13Page - STMicroelectronics M25P40_07 Datasheet HTML 14Page - STMicroelectronics M25P40_07 Datasheet HTML 15Page - STMicroelectronics M25P40_07 Datasheet HTML 16Page - STMicroelectronics M25P40_07 Datasheet HTML 17Page - STMicroelectronics M25P40_07 Datasheet HTML 18Page - STMicroelectronics M25P40_07 Datasheet HTML 19Page - STMicroelectronics M25P40_07 Datasheet HTML 20Page - STMicroelectronics M25P40_07 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 53 page
background image
M25P40
Memory organization
17/53
Figure 6.
Block diagram
AI04986
HOLD
S
W
Control Logic
High Voltage
Generator
I/O Shift Register
Address Register
and Counter
256 Byte
Data Buffer
256 Bytes (Page Size)
X Decoder
Size of the
read-only
memory area
C
D
Q
Status
Register
00000h
7FFFFh
000FFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53