| データシートサーチシステム |
|
EN25P80-75VIP データシート(PDF) 4 Page - Eon Silicon Solution Inc. |
|
|
|||||||||||||||||||||||||||||
EN25P80-75VIP データシート(HTML) 4 Page - Eon Silicon Solution Inc. |
|
4 / 30 page ![]() This Data Sheet may be revised by subsequent versions ©2004 Eon Silicon Solution, Inc., www.essi.com.tw or modifications due to changes in technical specifications. 4 EN25P80 Rev. C, Issue Date: 2006/12/25 MEMORY ORGANIZATION The memory is organized as: 1,048,576 bytes Uniform Sector Architecture Sixteen 64-Kbyte sectors 4096 pages (256 bytes each) Each page can be individually programmed (bits are programmed from 1 to 0). The device is Sector or Bulk Erasable but not Page Erasable. Table 2. Block Sector Architecture Sector SECTOR SIZE (KByte) Address range 15 64 F0000h – FFFFFh 14 64 E0000h – EFFFFh 13 64 D0000h – DFFFFh 12 64 C0000h – CFFFFh 11 64 B0000h – BFFFFh 10 64 A0000h – AFFFFh 9 64 90000h – 9FFFFh 8 64 80000h – 8FFFFh 7 64 70000h – 7FFFFh 6 64 60000h – 6FFFFh 5 64 50000h – 5FFFFh 4 64 40000h – 4FFFFh 3 64 30000h – 3FFFFh 2 64 20000h – 2FFFFh 1 64 10000h – 1FFFFh 0 64 00000h – 0FFFFh |