| データシートサーチシステム |
|
BAS40TS データシート(PDF) 2 Page - Pan Jit International Inc. |
|
|
|||||||||||||||||||||||||||||
BAS40TS データシート(HTML) 2 Page - Pan Jit International Inc. |
|
2 / 3 page ![]() PAGE . 2 STAD-MAY.11.2006 BAS40TS FIG. 1-TYPICAL FORWARD CHARACTERISTIC FIG. 2-TYPICAL REVERSE CHARACTERISTICS FIG. 4 FORWARD CURRENT DERATING FIG. 3 TYPICAL JUNCTION CAPACITANCE 0 200 300 400 100 50 100 150 200 FORWARD VOLTAGE, Volts REVERSE VOLTAGE, Volts REVERSE VOLTAGE, Volts AMBIENT TEMPERATURE( C) O 0 0.1 1.0 10 100 0.4 0.6 0.8 1.0 T=25 C A O 0 0 0.01 0.1 1.0 10 100 10 20 30 40 T=25 C A O T=75 C A O T =125 C A O 0 0 1.0 2.0 3.0 10 20 30 40 R E T E M A R A Pl o b m y Sn o i t i d n o C t s e T. N I M. X A Ms t i n U e g a t l o V n w o d k a e r B e s r e v e RV ) R B ( I R 0 1 = µA0 4- V t n e r r u C e s r e v e RI R V R V 5 2 =- 0 . 1 µA e g a t l o V d r a w r o FV F I F A m 1 = I F A m 0 1 = I F A m 0 4 = - 8 3 . 0 5 . 0 0 . 1 V e c n a t i c a p a C l a t o TC T V R z H M 1 = f , V 0 =- 5 F p ELECTRICAL CHARACTERISTICS (T A =25 O C , unless otherwise noted) ELECTRICAL CHARACTERISTICS CURVE |