データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SF23C4000 データシート(PDF) 5 Page - King blillion Electronics Co.,Ltd.

部品番号 SF23C4000
部品情報  512K x 8 bit CMOS Mask Programmable ROM
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KB [King blillion Electronics Co.,Ltd.]
ホームページ  
Logo KB - King blillion Electronics Co.,Ltd.

SF23C4000 データシート(HTML) 5 Page - King blillion Electronics Co.,Ltd.

  SF23C4000 Datasheet HTML 1Page - King blillion Electronics Co.,Ltd. SF23C4000 Datasheet HTML 2Page - King blillion Electronics Co.,Ltd. SF23C4000 Datasheet HTML 3Page - King blillion Electronics Co.,Ltd. SF23C4000 Datasheet HTML 4Page - King blillion Electronics Co.,Ltd. SF23C4000 Datasheet HTML 5Page - King blillion Electronics Co.,Ltd. SF23C4000 Datasheet HTML 6Page - King blillion Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
King Billion Electronics Co., Ltd
駿
SF23C4000
August 27, 2003
Page 5 of 6
V1.1
This specification is subject to change without notice. Please contact sales person for the latest version before use.
Pad No.
Pad Name X Coord.
Y Coord.
Pad No.
Pad Name X Coord.
Y Coord.
1
A7
108.33
2431.75
21
Q5
2058.62
109.14
2
A6
108.33
2244.31
22
Q6
2245.78
109.14
3
A5
108.33
2057.03
23
Q7
2745.87
105.79
4
A4
108.33
1869.59
24
CEN
2745.87
229.55
5
NC
108.33
1682.36
25
A10
2745.87
355.17
6
NC
108.33
1494.92
26
OEN
2745.87
480.32
7
NC
108.33
1307.74
27
A11
2759.48
1365.83
8
NC
108.33
1119.34
28
A9
2759.48
1491.74
9
A3
108.33
932.17
29
A8
2759.48
1617.63
10
A2
108.33
744.73
30
A13
2748.87
2427.92
11
A1
108.33
557.45
31
A14
2748.87
2555.13
12
A0
108.33
370.01
32
A17
2107.66
2566.92
13
Q0
108.33
182.72
33
A18
1920.22
2566.92
14
Q1
395.97
109.14
34
VDD
1578.76
2513.72
15
Q2
583.13
109.14
35
VDD
1404.34
2513.72
16
VSS
997.39
220.71
36
VDD
1229.92
2513.72
17
VSS
1242.34
140.91
37
NC
1029.23
2552.3
18
VSS
1521.38
108.09
38
A16
841.19
2552.3
19
Q3
1684.02
109.14
39
A15
495.57
2552.3
20
Q4
1871.18
109.14
40
A12
308.13
2552.3
6 Absolute Maximum Rating
Items
Symbol
Rating
Condition
Supply Voltage
VDD
-0.3 to 6 V
Input Voltage
VIN
-0.3 to Vdd+0.3 V
Operating Temperature
TOPR
-0 to 70
°C
Storage Temperature
TSTR
-55 to 125
°C
7 AC Electrical Characteristics
READ CYCLE
There are two ways of accessing the ROM data. The first one is to assert the valid address on the Address
Bus, then assert CEn “low” to enable the ROM array. The access time in this mode is specified as tACE.
The advantage of this access mode is that power consumption can be lowered. The second access mode
keeps the CEn “low” while changes the addresses to access the contents of ROM data. The access time in



Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com