データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

RT9232BGS データシート(PDF) 4 Page - Richtek Technology Corporation

部品番号 RT9232BGS
部品情報  Programmable Frequency Synchronous Buck PWM Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RICHTEK [Richtek Technology Corporation]
ホームページ  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9232BGS データシート(HTML) 4 Page - Richtek Technology Corporation

  RT9232BGS Datasheet HTML 1Page - Richtek Technology Corporation RT9232BGS Datasheet HTML 2Page - Richtek Technology Corporation RT9232BGS Datasheet HTML 3Page - Richtek Technology Corporation RT9232BGS Datasheet HTML 4Page - Richtek Technology Corporation RT9232BGS Datasheet HTML 5Page - Richtek Technology Corporation RT9232BGS Datasheet HTML 6Page - Richtek Technology Corporation RT9232BGS Datasheet HTML 7Page - Richtek Technology Corporation RT9232BGS Datasheet HTML 8Page - Richtek Technology Corporation RT9232BGS Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
RT9232B
4
DS9232B-03
March 2007
www.richtek.com
To prevent OC form tripping in normal operation, ROCSET
must be carefully chosen with :
1. Maximum RDS(ON) at highest junction temperature
2. MInimum IOCSET from specification table
3. IL(MAX) > IOUT(MAX) + Δ IL /2
Δ I
L = inductor ripple current
Under Voltage Protection
The under voltage protection function protects the converter
from an shorted output by detecting the voltage on FB pin
to monitor the output voltage. The UVP function cycles
soft-start function in a hiccup mode. When output voltage
lower than 75% of designated voltage, UVP function
initializes soft-start cycles. The soft-start function
discharges Css with 10
μA current sink and disable PWM
operation. Then soft-start function recharges Css and
PWM operation resumes. The soft-start hiccup restarts
after SS voltage fully charges to 4V if the output short
event still remains. The converter is shutdown permanently
after 3 times hiccup and only restarting supply voltages
can enable the converter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14