| データシートサーチシステム |
|
STM6321 データシート(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM6321 データシート(HTML) 12 Page - STMicroelectronics |
|
12 / 26 page ![]() Operation STM6321/6322STM6821/6822/6823/6824/6825 12/26 Figure 12. Ensuring RST valid to VCC = 0, (active-low push-pull outputs) Figure 13. Ensuring RST valid to VCC = 0, (active-high, push-pull outputs) 1. This configuration does not work on open drain outputs of the STM6321/6322/6822. 2.6 Interfacing to microprocessors with bi-directional reset pins Microprocessors with bi-directional reset pins can contend with the STM6321 / 6322 / 6821 / 6822 / 6823 / 6824 / 6825 reset output. For example, if the reset output is driven high and the microprocessor wants to pull it low, signal contention will result. To prevent this from occurring, connect a 4.7k Ω resistor between the reset output and the microprocessor’s reset I/O as in Figure 14. Figure 14. Interfacing to microprocessors with bi-directional reset I/O AI09138 STM6XXX RST GND VCC VCC R1 AI09139 STM6XXX RST GND VCC VCC R1 AI09135 STM6XXX RST GND 4.7k VCC Microprocessor RST Buffered Reset to other System Components GND VCC |