データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LXO データシート(PDF) 1 Page - STATEK CORPORATION

部品番号 LXO
部品情報  Low Power Crystal Oscillator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STATEK [STATEK CORPORATION]
ホームページ  http://www.statek.com
Logo STATEK - STATEK CORPORATION

LXO データシート(HTML) 1 Page - STATEK CORPORATION

  LXO Datasheet HTML 1Page - STATEK CORPORATION LXO Datasheet HTML 2Page - STATEK CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
STATEK CORPORATION 512 N. MAIN ST., ORANGE, CA 92868 714-639-7810 FAX: 714-997-1256 www.statek.com
YS
TEM
CERTIFIC
AT
01
10110 - Rev D
DESCRIPTION
The LXO oscillator has the highest accuracy and stability of
all STATEK oscillators. The design consists of a CMOS-
compatible hybrid circuit, packaged in a hermetically-sealed
metal DIP. Permanent, precision tuning of the oscillator is
accomplished by laser trimming the crystal after it has been
hermetically sealed in a ceramic package and connected to
the oscillator circuit. This method of fine tuning allows for
very tight calibration tolerance and eliminates the need for
a trimming capacitor, a major source of long-term frequency
drift. The specifications and characteristics of the LXO vary
with frequency. The characteristics of the 32.768 kHz
model are presented in this data sheet.
FEATURES
Low power consumption
Low aging
CMOS compatible
Double hermetically sealed package
Full military testing available
5V operation standard
2.5V to 15V operation also available
APPLICATIONS
Industrial, Computer & Communications
General purpose clock oscillator
Data Logger
Remote sensor
Liquid level sensing
Medical test and diagnostics
Military
Portable field communication
Military high speed modem
Flight recorder
LXO OSCILLATOR
10 kHz to 2.1 MHz
Low Power Crystal Oscillator
B
C
PIN
NO.1
PIN
NO.14
PIN
NO.8
PIN
NO.7
G
F
E
H
D
A
J
I
DIM
inches
mm
A0.810 MAX.
20.57 MAX.
B0.510 MAX.
12.95 MAX.
C
0.300
0.005
7.62
0.13
D0.600
0.005
15.24
0.13
E0.430 TYP.
10.92 TYP.
F0.240 MAX.
6.10 MAX.
G0.040 TYP.
1.02 TYP.
H0.150 MIN.
3.81 MIN.
I0.018
0.002
0.46
0.05
J0.070 TYP.
1.78 TYP.
* Position of bumps for reference only
+
_
+
_
+
_
+
_
+
_
+
_
LX0-2.0MHz
PACKAGE DIMENSIONS


同様の部品番号 - LXO

メーカー部品番号データシート部品情報
logo
STATEK CORPORATION
LXO-AT STATEK-LXO-AT Datasheet
58Kb / 2P
Low Power Crystal Oscillator
LXO1 STATEK-LXO1 Datasheet
106Kb / 2P
Low Power Crystal Oscillator
LXO1 STATEK-LXO1_08 Datasheet
106Kb / 2P
Low Power Crystal Oscillator
LXOAT STATEK-LXOAT Datasheet
116Kb / 2P
Low Power Crystal Oscillator
logo
EUROQUARTZ limited
LXOAT EUROQUARTZ-LXOAT Datasheet
122Kb / 1P
Low Power Crystal Oscillator
More results

同様の説明 - LXO

メーカー部品番号データシート部品情報
logo
Intersil Corporation
CDP6872 INTERSIL-CDP6872 Datasheet
101Kb / 15P
Low Power Crystal Oscillator
January 1996
logo
STATEK CORPORATION
LXOM STATEK-LXOM Datasheet
58Kb / 2P
Low Power Crystal Oscillator
DQXO-3 STATEK-DQXO-3 Datasheet
57Kb / 2P
Low Power Crystal Oscillator
LQXO-4 STATEK-LQXO-4 Datasheet
58Kb / 2P
Low Power Crystal Oscillator
LXO-AT STATEK-LXO-AT Datasheet
58Kb / 2P
Low Power Crystal Oscillator
LXOM-AT STATEK-LXOM-AT Datasheet
57Kb / 2P
Low Power Crystal Oscillator
LXO1 STATEK-LXO1_08 Datasheet
106Kb / 2P
Low Power Crystal Oscillator
LXOM STATEK-LXOM_10 Datasheet
117Kb / 2P
Low Power Crystal Oscillator
LXOAT STATEK-LXOAT Datasheet
116Kb / 2P
Low Power Crystal Oscillator
logo
EUROQUARTZ limited
LXOAT EUROQUARTZ-LXOAT Datasheet
122Kb / 1P
Low Power Crystal Oscillator
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com