データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M95128-RMB3P/A データシート(PDF) 11 Page - STMicroelectronics

部品番号 M95128-RMB3P/A
部品情報  128 Kbit serial SPI bus EEPROM with high speed clock
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95128-RMB3P/A データシート(HTML) 11 Page - STMicroelectronics

Back Button M95128-RMB3P/A Datasheet HTML 7Page - STMicroelectronics M95128-RMB3P/A Datasheet HTML 8Page - STMicroelectronics M95128-RMB3P/A Datasheet HTML 9Page - STMicroelectronics M95128-RMB3P/A Datasheet HTML 10Page - STMicroelectronics M95128-RMB3P/A Datasheet HTML 11Page - STMicroelectronics M95128-RMB3P/A Datasheet HTML 12Page - STMicroelectronics M95128-RMB3P/A Datasheet HTML 13Page - STMicroelectronics M95128-RMB3P/A Datasheet HTML 14Page - STMicroelectronics M95128-RMB3P/A Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
M95128, M95128-W, M95128-R
Signal description
11/44
3.7.4
Power-down
At power-down (continuous decrease in VCC), as soon as VCC drops from the normal
operating voltage to below the power on reset threshold voltage, the device stops
responding to any instruction sent to it. During power-down, the device must be deselected
(the Chip Select (S) should be allowed to follow the voltage applied on VCC) and in Standby
Power mode (that is there should be no internal Write cycle in progress).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44