データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MIC2299 データシート(PDF) 9 Page - Micrel Semiconductor

部品番号 MIC2299
部品情報  3.5A Minimum, 2MHz High Brightness LED Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICREL [Micrel Semiconductor]
ホームページ  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2299 データシート(HTML) 9 Page - Micrel Semiconductor

Back Button MIC2299 Datasheet HTML 5Page - Micrel Semiconductor MIC2299 Datasheet HTML 6Page - Micrel Semiconductor MIC2299 Datasheet HTML 7Page - Micrel Semiconductor MIC2299 Datasheet HTML 8Page - Micrel Semiconductor MIC2299 Datasheet HTML 9Page - Micrel Semiconductor MIC2299 Datasheet HTML 10Page - Micrel Semiconductor MIC2299 Datasheet HTML 11Page - Micrel Semiconductor MIC2299 Datasheet HTML 12Page - Micrel Semiconductor MIC2299 Datasheet HTML 13Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Micrel, Inc.
MIC2299
October 2007
9
M9999-101907-B
Over-Voltage Protection
The MIC2299 offers over-voltage protection functionality.
If an LED is disconnected from the circuit or the
feedback pin is shorted to ground, the feedback pin will
fall to ground potential. This will cause the MIC2299 to
switch at full duty cycle in an attempt to maintain the
feedback voltage. As a result, the output voltage will
climb out of control. This may cause the switch node
voltage to exceed its maximum voltage rating, possibly
damaging the IC and the external components. To
ensure the highest level of protection, the MIC2299 OVP
pin will shut the switch off when an over-voltage
condition is detected, saving itself and the output
capacitor from damage. OVP threshold can be increase
by adding a resistor divider between the output and
ground. Be careful not to exceed the 30V rating of the
switch.
Figure 4. Adjustable OVP circuit
Brightness Control
Pin Brightness Functionality
BRT Pin
VFB (V)
OPEN
200mV or VSS/DIM
GND
40mV
≥20kΩ to 100kΩ
[RBRT] to GND
(10µA × RBRT)/5
SS/DIM
VFB (V)
OPEN
200mV
VSS/DIM
VSS/DIM
Table 1. BRT and SS/DIM Brightness Control Functionality
The
MIC2299
has
built
in
brightness/dimming
functionally for white LED applications. The BRT and
SS/DIM pins are available for brightness/dimming control
functionality. The table in Table 1 illustrates the different
modes of dimming offered by the BRT and SS/DIM pins.
The resulting LED current is then calculated as:
ILED = VFB/RSENSE
Hence, a 200m
Ω sense resistor will achieve nominally
1A when both DIM and BRT pins are left open.
PWM control of brightness
A control signal can be driven into the enable pin to vary
average current through the LED for applications not
sensitive to low frequency (~100Hz) light modulation.
For such applications, the SS/DIM pin capacitance
should be minimized to achieve a fast turn on time. An
absent capacitor at the SS pin will achieve a soft start
period of approximately 1ms with a CCOMP value of 33nF.
For other applications, where no analog control voltage
is available, the BRT pin can be driven through a low
pass filter (18kΩ and 470nF) at a PWM frequency of
>5kHz to set the FB voltage, and therefore, the LED
current from 20% to 100% of Nominal LED current
(Figure 5).
Figure 5. High Frequency PWM Programming
Via BRT Pin
Since the DIM pin is typically utilized for soft start, it is
recommended to use the enable and BRT pins for the
PWM method of adjusting the average LED current.
Figures 6 and 7 below show typical results for this
method.
Figure 6. Enable Pin PWM Freq = 100Hz
Enable Pin Programming



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com