データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IPS2041LPBF データシート(PDF) 3 Page - International Rectifier

部品番号 IPS2041LPBF
部品情報  INTELLIGENT POWER LOW SIDE SWITCH
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

IPS2041LPBF データシート(HTML) 3 Page - International Rectifier

  IPS2041LPBF Datasheet HTML 1Page - International Rectifier IPS2041LPBF Datasheet HTML 2Page - International Rectifier IPS2041LPBF Datasheet HTML 3Page - International Rectifier IPS2041LPBF Datasheet HTML 4Page - International Rectifier IPS2041LPBF Datasheet HTML 5Page - International Rectifier IPS2041LPBF Datasheet HTML 6Page - International Rectifier IPS2041LPBF Datasheet HTML 7Page - International Rectifier IPS2041LPBF Datasheet HTML 8Page - International Rectifier IPS2041LPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
IPS2041(L)(R)PbF
Static Electrical Characteristics
Tj=25°C, Vcc=14V (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Units
Test Conditions
ON state resistance Tj=25°C
100
130
Rds(on)
ON state resistance Tj=150°C(2)
180
240
m
Vin=5V, Ids=1A
Idss1
Drain to source leakage current
0.01
1
Vcc=14V, Tj=25°C
Idss2
Drain to source leakage current
0.04
2
µA
Vcc=50V, Tj=25°C
V clamp1
Drain to source clamp voltage 1
63
68
Id=20mA See fig. 3 & 4
V clamp2
Drain to source clamp voltage 2
68
75
Id=1A
Vin clamp
IN to source pin clamp voltage
5.5
6.2
7.5
Iin=1mA
Vth
Input threshold voltage
1.1
2
2.7
V
Id=50mA
Iin, on
ON state IN positive current
15
40
80
Iin, off
OFF state IN positive current
( after protection latched )
150
250
350
µA
Vin=5V
Switching Electrical Characteristics
Vcc=14V, Resistive load=10
Ω, Rinput=50Ω, Vin=5V, Tj=25°C
Symbol
Parameter
Min.
Typ.
Max.
Units
Test Conditions
Tdon
Turn-on delay time to 20%
0.4
1.3
4
Tr
Rise time 20% to 80%
0.2
0.9
2
Tdoff
Turn-off delay time to 80%
1
3
8
Tf
Fall time 80% to 20%
0.3
1.3
3
µs
See figure 2
Eon + Eoff
Turn on and off energy
12
µJ
Protection Characteristics
Symbol
Parameter
Min.
Typ.
Max.
Units
Test Conditions
Tsd
Over temperature threshold
150(2)
165
°C
See figure 1
Isd
Over current threshold
4
5.5
7
A
See figure 1
OV
Over voltage protection ( not active when
the device is ON )
52
55
V
Vreset
IN protection reset threshold
1.1
1.6
2
V
Treset
Time to reset protection
15(2)
50
500
µs
Vin=0V, Tj=25°C
(2) Guaranteed by design
www.irf.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13